Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW8C2SA Datasheet(PDF) 17 Page - Seoul Semiconductor

Part # STW8C2SA
Description  Top View Led
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8C2SA Datasheet(HTML) 17 Page - Seoul Semiconductor

Back Button STW8C2SA Datasheet HTML 13Page - Seoul Semiconductor STW8C2SA Datasheet HTML 14Page - Seoul Semiconductor STW8C2SA Datasheet HTML 15Page - Seoul Semiconductor STW8C2SA Datasheet HTML 16Page - Seoul Semiconductor STW8C2SA Datasheet HTML 17Page - Seoul Semiconductor STW8C2SA Datasheet HTML 18Page - Seoul Semiconductor STW8C2SA Datasheet HTML 19Page - Seoul Semiconductor STW8C2SA Datasheet HTML 20Page - Seoul Semiconductor STW8C2SA Datasheet HTML 21Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
SSC
SSC--STW8C2SA
STW8C2SA
Jan 2013
Jan 2013
www.seoulsemicon.com
www.seoulsemicon.com
SSC-QP-7-07-12 (Rev.01)
● COLOR RANK
<IF=100mA, Ta=25℃>
5. Color & Binning
E0
E1
E2
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3736
0.3874
0.3869
0.3958
0.3714
0.3775
0.3714
0.3775
0.3842
0.3855
0.3692
0.3677
0.3842
0.3855
0.397
0.3935
0.3813
0.3751
0.3869
0.3958
0.4006
0.4044
0.3842
0.3855
E3
E4
E5
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3842
0.3855
0.3692
0.3677
0.3813
0.3751
0.3813
0.3751
0.367
0.3578
0.3783
0.3646
0.3934
0.3825
0.3783
0.3646
0.3898
0.3716
0.397
0.3935
0.3813
0.3751
0.3934
0.3825
F0
F1
F2
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3996
0.4015
0.4146
0.4089
0.396
0.3907
0.396
0.3907
0.4104
0.3978
0.3925
0.3798
0.4104
0.3978
0.4248
0.4048
0.4062
0.3865
0.4146
0.4089
0.4299
0.4165
0.4104
0.3978
F3
F4
F5
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.4104
0.3978
0.3925
0.3798
0.4062
0.3865
0.4062
0.3865
0.3889
0.369
0.4017
0.3751
0.4198
0.3931
0.4017
0.3751
0.4147
0.3814
0.4248
0.4048
0.4062
0.3865
0.4198
0.3931
* Measurement Uncertainty of the Color Coordinates : ± 0.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com