Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 27Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 28Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 29Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 30Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 27 of 44
R_PULL_CONFIG_D, Register 0x1A
Default = 0000 0001
Table 35. R_PULL_CONFIG_D Bit Descriptions
Bits
Bit Name
Access
Description
[7:2]
Reserved
Reserved
Reserved.
[1:0]
C4_PULL_CFG
Read/write
00 = enables 300 kΩ pull-up resistor.
01 = enables 300 kΩ pull-down resistor.
10 = enables 100 kΩ pull-up resistor.
11 = disables all pull-up/pull-down resistors.
GPI_INT_LEVEL_A, Register 0x1B
Table 36. GPI_INT_LEVEL_A Bit Descriptions
Bits
Bit Name
Access
Description
[7:6]
Reserved
Reserved
Reserved.
5
GPI_6_INT_LEVEL
Read/write
0 = GPI 6 interrupt is active low (GPI_6_INT sets whenever R5 is low).
1 = GPI 6 interrupt is active high (GPI_6_INT sets whenever R5 is high).
4
GPI_5_INT_LEVEL
Read/write
0 = GPI 5 interrupt is active low (GPI_5_INT sets whenever R4 is low).
1 = GPI 5 interrupt is active high (GPI_5_INT sets whenever R4 is high).
3
GPI_4_INT_LEVEL
Read/write
0 = GPI 4 interrupt is active low (GPI_4_INT sets whenever R3 is low).
1 = GPI 4 interrupt is active high (GPI_4_INT sets whenever R3 is high).
2
GPI_3_INT_LEVEL
Read/write
0 = GPI 3 interrupt is active low (GPI_3_INT sets whenever R2 is low).
1 = GPI 3 interrupt is active high (GPI_3_INT sets whenever R2 is high).
1
GPI_2_INT_LEVEL
Read/write
0 = GPI 2 interrupt is active low (GPI_2_INT sets whenever R1 is low).
1 = GPI 2 interrupt is active high (GPI_2_INT sets whenever R1 is high).
0
GPI_1_INT_LEVEL
Read/write
0 = GPI 1 interrupt is active low (GPI_1_INT sets whenever R0 is low).
1 = GPI 1 interrupt is active high (GPI_1_INT sets whenever R0 is high).
GPI_INT_LEVEL_B, Register 0x1C
Table 37. GPI_INT_LEVEL_B Bit Descriptions
Bits
Bit Name
Access
Description
[7:5]
Reserved
Reserved
Reserved.
4
GPI_11_INT_LEVEL
Read/write
0 = GPI 11 interrupt is active low (GPI_11_INT sets whenever R10 is low).
1 = GPI 11 interrupt is active high (GPI_11_INT sets whenever R10 is high).
3
GPI_10_INT_LEVEL
Read/write
0 = GPI 10 interrupt is active low (GPI_10_INT sets whenever R9 is low).
1 = GPI 10 interrupt is active high (GPI_10_INT sets whenever R9 is high).
2
GPI_9_INT_LEVEL
Read/write
0 = GPI 9 interrupt is active low (GPI_9_INT sets whenever R8 is low).
1 = GPI 9 interrupt is active high (GPI_9_INT sets whenever R8 is high).
1
GPI_8_INT_LEVEL
Read/write
0 = GPI 8 interrupt is active low (GPI_8_INT sets whenever R7 is low).
1 = GPI 8 interrupt is active high (GPI_8_INT sets whenever R7 is high).
0
GPI_7_INT_LEVEL
Read/write
0 = GPI 7 interrupt is active low (GPI_7_INT sets whenever R6 is low).
1 = GPI 7 interrupt is active high (GPI_7_INT sets whenever R6 is high).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com