Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 19Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 20Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 21Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 22Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 26Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 23 of 44
FIFO_6 Register 0x08
Table 17. FIFO_6 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT6_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT6_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_7, Register 0x09
Table 18. FIFO_7 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT7_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT7_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_8, Register 0x0A
Table 19. FIFO_8 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT8_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT8_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_9, Register 0x0B
Table 20. FIFO_9 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT9_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT9_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_10, Register 0x0C
Table 21. FIFO_10 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT10_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT10_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_11, Register 0x0D
Table 22. FIFO_11 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT11_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT11_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_12, Register 0x0E
Table 23. FIFO_12 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT12_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT12_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_13, Register 0x0F
Table 24. FIFO_13 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT13_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT13_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com