Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 16Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 17Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 18Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 19Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 20Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 21Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 22Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 20 of 44
Reg
Addr
Register
Name
R/W1
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x29
GPIO_INP_EN_A
R/W
Reserved
GPIO_6_
INP_EN
GPIO_5_
INP_EN
GPIO_4_
INP_EN
GPIO_3_
INP_EN
GPIO_2_
INP_EN
GPIO_1_
INP_EN
0x2A
GPIO_INP_EN_B
R/W
Reserved
GPIO_11_
INP_EN
GPIO_10_
INP_EN
GPIO_9_
INP_EN
GPIO_8_
INP_EN
GPIO_7_
INP_EN
0x2B
RESET_EVENT_A
R/W
RESET_EVENT_
A_LEVEL
RESET_EVENT_A, Bits[6:0]
0x2C
RESET_EVENT_B
R/W
RESET_EVENT_
B_LEVEL
RESET_EVENT_B, Bits[6:0]
0x2D
RESET_EVENT_C
R/W
RESET_EVENT_
C_LEVEL
RESET_EVENT_C, Bits[6:0]
0x2E
RESET_CFG
R/W
RESET_POL
RST_PASSTHRU_EN
RESET_TRIG_TIME, Bits[3:0]
RESET_PULSE_WIDTH,
Bits[1:0]
0x2F
PULSE_GEN_1_
DELAY
R/W
PULSE_GEN_1_DELAY, Bits[7:0]
0x30
PULSE_GEN_1_
PERIOD
R/W
PULSE_GEN_1_PERIOD, Bits[7:0]
0x31
PULSE_GEN_1_
ON_TIME
R/W
PULSE_GEN_1_ON_TIME, Bits[7:0]
0x32
PULSE_GEN_2_
DELAY
R/W
PULSE_GEN_2_DELAY, Bits[7:0]
0x33
PULSE_GEN_2_
PERIOD
R/W
PULSE_GEN_2_PERIOD, Bits[7:0]
0x34
PULSE_GEN_2_
ON_TIME
R/W
PULSE_GEN_2_ON_TIME, Bits[7:0]
0x35
PULSE_GEN_
CONFIG
R/W
PULSE_
GEN_1_INV
PULSE_GEN_1_
ON_CLK
PULSE_
GEN_1_
PRD_CLK
PULSE_
GEN_1_EN
PULSE_
GEN_2_INV
PULSE_
GEN_2_
ON_CLK
PULSE_
GEN_2_
PRD_CLK
PULSE_
GEN_2_EN
0x36
LOGIC_CFG
R/W
Reserved
LY_INV
LC_INV
LB_INV
LA_INV
LOGIC_SEL, Bits[2:0]
0x37
LOGIC_FF_CFG
R/W
Reserved
FF_SET
FF_CLR
0x38
LOGIC_INT_
EVENT_EN
R/W
Reserved
LY_DBNC_
DIS
LOGIC_
EVENT_EN
LOGIC_
INT_LEVEL
0x39
POLL_TIME_CFG
R/W
Reserved
PRECHARGE_
TIME
Reserved
KEY_POLL_TIME, Bits[1:0]
0x3A
PIN_CONFIG_A
R/W
Reserved
R5_CONFIG
R4_CONFIG
R3_CONFIG
R2_CONFIG
R1_CONFIG
R0_CONFIG
0x3B
PIN_CONFIG_B
R/W
Reserved
C4_CONFIG
C3_CONFIG
C2_CONFIG
C1_CONFIG C0_CONFIG
0x3C
PIN_CONFIG_C
R/W
PULL_SELECT
C0_EXTEND_CFG
R4_EXTEND_
CFG
C1_EXTEND_
CFG
R3_EXTEND_
CFG
Reserved
R0_
EXTEND_
CFG
0x3D
GENERAL_CFG
R/W
OSC_EN
OSC_FREQ, Bits[1:0]
Reserved
SW_RESET
INT_CFG
RST_CFG
0x3E
INT_EN
R/W
Reserved
LOGIC_IEN
Reserved
OVRFLOW_
IEN
GPI_IEN
EVENT_IEN
1
R means read, W means write, and R/W means read/write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com