Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 18Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 19Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 20Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 21Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 22Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 23Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 24Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 25Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 22 of 44
Table 12. Event Decoding
Event No.
Meaning
Event No.
Meaning
0
No event
25
Key 25 (R4, C4)
1
Key 1 (R0, C0)
26
Key 26 (R5, C0)
2
Key 2 (R0, C1)
27
Key 27 (R5, C1)
3
Key 3 (R0, C2)
28
Key 28 (R5, C2)
4
Key 4 (R0, C3)
29
Key 29 (R5, C3)
5
Key 5 (R0, C4)
30
Key 30 (R5, C4)
6
Key 6 (R1, C0)
31
Key 31 (R0, GND)
7
Key 7 (R1, C1)
32
Key 32 (R1, GND)
8
Key 8 (R1, C2)
33
Key 33 (R2, GND)
9
Key 9 (R1, C3)
34
Key 34 (R3, GND)
10
Key 10 (R1, C4)
35
Key 35 (R4, GND)
11
Key 11 (R2, C0)
36
Key 36 (R5, GND)
12
Key 12 (R2, C1)
37
GPI 1 (R0)
13
Key 13 (R2, C2)
38
GPI 2 (R1)
14
Key 14 (R2, C3)
39
GPI 3 (R2)
15
Key 15 (R2, C4)
40
GPI 4 (R3)
16
Key 16 (R3, C0)
41
GPI 5 (R4)
17
Key 17 (R3, C1)
42
GPI 6 (R5)
18
Key 18 (R3, C2)
43
GPI 7 (C0)
19
Key 19 (R3, C3)
44
GPI 8 (C1)
20
Key 20 (R3, C4)
45
GPI 9 (C2)
21
Key 21 (R4, C0)
46
GPI 10 (C3)
22
Key 22 (R4, C1)
47
GPI 11 (C4)
23
Key 23 (R4, C2)
48
Logic
24
Key 24 (R4, C3)
49 to 127
Unused
FIFO_2, Register 0x04
Table 13. FIFO_2 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT2_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT2_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_3, Register 0x05
Table 14. FIFO_3 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT3_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT3_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_4, Register 0x06
Table 15. FIFO_4 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT4_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT4_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.
FIFO_5, Register 0x07
Table 16. FIFO_5 Bit Descriptions
Bits
Bit Name
Access
Description
7
EVENT5_STATE
Read only
See Table 11 for bit descriptions.
[6:0]
EVENT5_IDENTIFIER[6:0]
Read only
See Table 11 for bit descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com