Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 4Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 5Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 6Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 7Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 8Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 9Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 10Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 11Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 8 of 44
DEVICE ENABLE
When sufficient voltage is applied to VDD and the RST pin is
driven with a logic high level, the ADP5586 starts up in standby
mode with all settings at default. The user can configure the
device via the I2C interface. When the RST pin is low, the
ADP5586 enters a reset state and all settings return to default.
The RST pin features a debounce filter.
If the ADP5586ACBZ-01-R7 device model is used, the RST pin
acts as an additional row pin (R5). To reset the part without a
reset pin, either bring VDD below the UVLO threshold, or set
the SW_RESET bit to 1 (Register 0x3D, Bit 2).
DEVICE OVERVIEW
The ADP5586 contains 10 multiconfigurable input/output pins.
Each pin can be programmed to enable the device to carry out
its various functions, as follows:
Keypad matrix decoding (five-column by five-row matrix
maximum)
General-purpose I/O expansion (up to 10 inputs/outputs)
Reset generator
Logic function building blocks (up to three inputs and one
output)
Two pulse generators
All 10 input/output pins have an I/O structure as shown in
Figure 5.
I/O
VDD
100kΩ
DEBOUNCE
300kΩ
300kΩ
I/O
DRIVE
Figure 5. I/O Structure
Each I/O can be pulled up with a 100 kΩ or 300 kΩ resistor or
pulled down with a 300 kΩ resistor. For logic output drive, each
I/O has a 5 mA PMOS source and a 10 mA NMOS sink for a push-
pull type output. For open-drain output situations, the 5 mA
PMOS source is not enabled. For logic input applications, each
I/O can be sampled directly or, alternatively, sampled through
a debounce filter.
The I/O structure shown in Figure 5 allows for all GPI and GPO
functions, as well as PWM and clock divide functions. For key
matrix scan and decode, the scanning circuit uses the 100 kΩ or
300 kΩ resistor for pulling up the keypad row pins and the 10 mA
NMOS sinks for grounding the keypad column pins (see the
Key Scan Control section for details about key decoding).
Configuration of the device is carried out by programming an
array of internal registers via the I2C interface. Feedback of device
status and pending interrupts can be flagged to an external
processor by using the INT pin.
The ADP5586 is offered with three feature sets. Table 6 lists
the options that are available for each model of the ADP5586.
Contact your local Analog Devices, Inc., field applications
engineers for availability and/or alternate configurations.
Table 6. Matrix Options by Device Model1
Model
Description
ADP5586ACBZ-00-R7
GPIO pull-down on startup
5-row × 5-column matrix
ADP5586ACBZ-01-R7
Row 5 added to GPIOs
6-row × 5-column matrix
ADP5586ACBZ-03-R7
Alternate I2C address (0x30)
5-row × 5-column matrix
1 Contact Analog Devices for availability of configurations not shown here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com