Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 2Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 3Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 4Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 5Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 6Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 7Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 8Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 9Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 6 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
INT
RST/R5
1
A
B
C
D
23
4
C1
R2
VDD
C2
SDA
R4
C3
R1
SCL
C4
R0
GND
C0
R3
BALL A1
CORNER
TOP VIEW
(BALL SIDE DOWN)
Not to Scale
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin
No.
Mnemonic
Description
A1
VDD
Supply Voltage Input.
A2
SDA
I2C Data Input/Output.
A3
SCL
I2C Clock Input.
A4
GND
Ground.
B1
R0
GPIO 1 (GPIO Alternate Function: Logic Block Output LY). This pin functions as Row 0 when configured in keypad mode.
B2
INT
Open-Drain Interrupt Output.
B3
RST/R5
Input Reset Signal (RST). The reset signal function applies to all models except the ADP5586ACBZ-01-R7.
GPIO 6/Row 5 (R5). This function applies only to the ADP5586ACBZ-01-R7 model.
B4
C0
GPIO 7 (GPIO Alternate Function: PULSE_GEN_1). This pin functions as Column 0 when configured in keypad mode.
C1
R2
GPIO 3 (GPIO Alternate Function: Logic Block Input LB). This pin functions as Row 2 when configured in keypad mode.
C2
R1
GPIO 2 (GPIO Alternate Function: Logic Block Input LA). This pin functions as Row 1 when configured in keypad mode.
C3
C1
GPIO 8 (GPIO Alternate Function: PULSE_GEN_2). This pin functions as Column 1 when configured in keypad mode.
C4
C2
GPIO 9. This pin functions as Column 2 when configured in keypad mode.
D1
R4
GPIO 5 (GPIO Alternate Function: RESET_OUT). This pin functions as Row 4 when configured in keypad mode.
D2
R3
GPIO 4 (GPIO Alternate Function: Logic Block Input LC). This pin functions as Row 3 when configured in keypad mode.
D3
C3
GPIO 10. This pin functions as Column 3 when configured in keypad mode.
D4
C4
GPIO 11. This pin functions as Column 4 when configured in keypad mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com