Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 33Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 34Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 35Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 36Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 37Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 38Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 39Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 40Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
ADP5586
Rev. 0 | Page 37 of 44
PULSE_GEN_CONFIG, Register 0x35
Table 62. PULSE_GEN_CONFIG Bit Descriptions
Bits
Bit Name
Access
Description
7
PULSE_GEN_1_INV
Read/write
0 = no inversion on Pulse Generator 1. On time is defined as the length of time a high
signal is output.
1 = inverted output on Pulse Generator 1. On time is defined as the length of time a high
signal is output.
6
PULSE_GEN_1_ON_CLK
Read/write
Defines clock speed for the on time of Pulse Generator 1.
0 = 1 ms.
1 = 125 ms.
Setting PULSE_GEN_1_ON_CLK = 1 and PULSE_GEN_1_PRD_CLK = 0 is not a supported
configuration.
5
PULSE_GEN_1_PRD_CLK
Read/write
Defines clock speed for the period of Pulse Generator 1.
0 = 1 ms.
1 = 125 ms.
Setting PULSE_GEN_1_ON_CLK = 1 and PULSE_GEN_1_PRD_CLK = 0 is not a supported
configuration.
4
PULSE_GEN_1_EN
Read/write
0 = Pulse Generator 1 is disabled. The off signal is output constantly.
1= Pulse Generator 1 is enabled.
3
PULSE_GEN_2_INV
Read/write
0 = no inversion on Pulse Generator 2. On time is defined as the length of time a high
signal is output.
1 = inverted output on Pulse Generator 2. On time is defined as the length of time a low
signal is output.
2
PULSE_GEN_2_ON_CLK
Read/write
Defines clock speed for the on time of Pulse Generator 2.
0 = 1 ms.
1 = 125 ms.
Setting PULSE_GEN_2_ON_CLK = 1 and PULSE_GEN_2_PRD_CLK = 0 is not a supported
configuration.
1
PULSE_GEN_2_PRD_CLK
Read/write
Defines clock speed for the period of Pulse Generator 2.
0 = 1 ms.
1 = 125 ms.
Setting PULSE_GEN_2_ON_CLK = 1 and PULSE_GEN_2_PRD_CLK = 0 is not a supported
configuration.
0
PULSE_GEN_2_EN
Read/write
0 = Pulse Generator 2 is disabled. The off signal is output constantly.
1 = Pulse Generator 2 is enabled.
LOGIC_CFG, Register 0x36
Table 63. LOGIC_CFG Bit Descriptions
Bits
Bit Name
Access
Description
7
Reserved
Reserved
Reserved.
6
LY_INV
Read/write
0 = the LY output is not inverted before passing into the logic block.
1 = inverts the LY output from the logic block.
5
LC_INV
Read/write
0 = the LC input is not inverted before passing into the logic block.
1 = inverts LC input before passing it into the logic block.
4
LB_INV
Read/write
0 = the LB input is not inverted before passing into the logic block.
1 = inverts LB input before passing it into the logic block.
3
LA_INV
Read/write
0 = the LA input is not inverted before passing into the logic block.
1 = inverts LA input before passing it into the logic block.
[2:0]
LOGIC_SEL[2:0]
Read/write
Configures the digital mux for the logic block. Refer to Figure 19.
000 = off/disable.
001 = AND.
010 = OR.
011 = XOR.
100 = FF.
101 = IN_LA.
110 = IN_LB.
111 = IN_LC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com