Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5586ACBZ-00-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP5586ACBZ-00-R7
Description  Keypad Decoder and I/O Port Expander
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5586ACBZ-00-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5586ACBZ-00-R7 Datasheet HTML 34Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 35Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 36Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 37Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 38Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 39Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 40Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 41Page - Analog Devices ADP5586ACBZ-00-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
ADP5586
Data Sheet
Rev. 0 | Page 38 of 44
LOGIC_FF_CFG, Register 0x37
Table 64. LOGIC_FF_CFG Bit Descriptions
Bits
Bit Name
Access
Description
[7:2]
Reserved
Reserved
Reserved.
1
FF_SET
Read/write
0 = FF not set in the logic block. Refer to Figure 19.
1 = sets FF in the logic block.
0
FF_CLR
Read/write
0 = FF not cleared in the logic block. Refer to Figure 19.
1 = clears FF in the logic block.
LOGIC_INT_EVENT_EN, Register 0x38
Table 65. LOGIC_INT_EVENT_EN Bit Descriptions
Bits
Bit Name
Access
Description
[7:3]
Reserved
Reserved
Reserved.
2
LY_DBNC_DIS
Read/write
0 = output of the logic block is debounced before entering the event/interrupt block.
1 = output of the logic block is not debounced before entering the event/interrupt block.
Use with caution because glitches may generate interrupts prematurely.
1
LOGIC_EVENT_EN
Read/write
0 = LY cannot generate interrupt.
1 = allows LY activity to generate events on the FIFO.
0
LOGIC_INT_LEVEL
Read/write
Configures the logic level of LY that generates an interrupt.
0 = LY is active low.
1 = LY is active high.
POLL_TIME_CFG, Register 0x39
Table 66. POLL_TIME_CFG Bit Descriptions
Bits
Bit Name
Access
Description
[7:4]
Reserved
Reserved
Reserved.
3
PRECHARGE_TIME
Read/write
Defines time to allow precharge.
0 = 100 µs.
1 = 200 µs.
2
Reserved
Reserved
Reserved.
[1:0]
KEY_POLL_TIME[1:0]
Read/write
Configures time between consecutive scan cycles.
00 = 10 ms.
01 = 20 ms.
10 = 30 ms.
11 = 40 ms.
PIN_CONFIG_A, Register 0x3A
Table 67. PIN_CONFIG_A Bit Descriptions
Bits
Bit Name
Access
Description
[7:6]
Reserved
Reserved
Reserved.
5
R5_CONFIG
Read/write
0 = GPIO 6.
1 = Row 5.
4
R4_CONFIG
Read/write
0 = GPIO 5 (see R4_EXTEND_CFG in Table 69 for alternate configuration, RESET).
1 = Row 4
3
R3_CONFIG
Read/write
0 = GPIO 4 (see R3_EXTEND_CFG in Table 69 for alternate configuration, LC).
1 = Row 3
2
R2_CONFIG
Read/write
0 = GPIO 3
1 = Row 2
1
R1_CONFIG
Read/write
0 = GPIO 2
1 = Row 1
0
R0_CONFIG
Read/write
0 = GPIO 1/LY (see R0_EXTEND_CFG in Table 69 for alternate configuration, LY).
1 = Row 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com