Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 4 Page - Semtech Corporation

  SC633 Datasheet HTML 1Page - Semtech Corporation SC633 Datasheet HTML 2Page - Semtech Corporation SC633 Datasheet HTML 3Page - Semtech Corporation SC633 Datasheet HTML 4Page - Semtech Corporation SC633 Datasheet HTML 5Page - Semtech Corporation SC633 Datasheet HTML 6Page - Semtech Corporation SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SC633
4
Parameter
Symbol
Condition
Min
Typ
Max
Units
EN Input Low Threshold
V
IL
V
IN = 2.7V
0.4
V
EN Input High Current
I
IH
V
IN = 5.5V
2
µA
EN Input Low Current
I
IL
V
IN = 5.5V
2
µA
Open-Loop Output Resistance
R
OUT
x mode
0.25
Ω
.5x mode, V
IN = 3.7V
2.85
Ω
2x mode, V
IN = 3.V
2.9
Ω
Mode Transition Voltage (2)
V
TRANS X
I
OUT = 200mA
5.32
V
V
TRANS .5X
I
OUT = 200mA
3.86
V
Fault Protection
Short-Circuit Current
I
SC
V
OUT = 0V, IOUT = IIN
300
600
980
mA
Input Current Limit
I
LIMIT
V
OUT > 2V, x mode
0.6
.2
2.0
A
V
OUT > 2V, .5x and 2x modes
.2
2.0
2.8
A
V
OUT ≤ 2V, IOUT = IIN
700
mA
Over Temperature
T
OTP
Rising Threshold
65
°C
T
HYS
Hysteresis(3)
20
°C
Electrical Characteristics (continued)
Notes:
() Thermal limitation is dependent upon the thermal performance of the printed circuit board in support of the package standard of 68° C/W.
(2) Voltage at the IN pin where a mode transition takes place in the charge pump with V
IN falling.
(3) Guaranteed by design — not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com