Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 5 Page - Semtech Corporation

  SC633 Datasheet HTML 1Page - Semtech Corporation SC633 Datasheet HTML 2Page - Semtech Corporation SC633 Datasheet HTML 3Page - Semtech Corporation SC633 Datasheet HTML 4Page - Semtech Corporation SC633 Datasheet HTML 5Page - Semtech Corporation SC633 Datasheet HTML 6Page - Semtech Corporation SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
SC633
5
Typical Characteristics
Load Regulation
Line Regulation
PSRR versus Frequency — 1.5x Mode
PSRR versus Frequency — 1.0x Mode
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
PSRR versus Frequency — 2x Mode
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
Vin=3.5V, Vout=5.3V, 50mA, 2X mode
Vin=4.7V, Vout=5.3V, 50mA, .5X mode
Vin=5.5V, Vout=5.3V, 50mA, X mode
V
OUT = 5.3V, IOUT = 0mA
Quiescent Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com