Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC633 Datasheet HTML 6Page - Semtech Corporation SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation SC633 Datasheet HTML 10Page - Semtech Corporation SC633 Datasheet HTML 11Page - Semtech Corporation SC633 Datasheet HTML 12Page - Semtech Corporation SC633 Datasheet HTML 13Page - Semtech Corporation SC633 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SC633
0
General Description
The SC633 is a 5.3V output charge pump regulator
designed to support up to peak current of 400mA (T
A ≤
55°C, 3.3V ≤ V
IN ≤ 4.2V) and 275mA (TA ≤ 85°C, 3.5V ≤ VIN
≤ 5.5V) of continuous current for powering 5.0V devices in
portable handheld equipment including Compact Flash
and CF+ products.
The SC633 has three operating modes — x, .5x, and 2x.
The x mode is a linear series regulation mode with a low
open-loop output resistance of only 250mW. The x mode
functions as a low-noise series linear regulator. The .5x
and 2x modes are a low noise, constant frequency, con-
stant duty cycle switch mode, using two bucket capacitors.
One bucket supports the full output current while the
other bucket charges from the input. The two buckets
exchange roles in the next phase, supplying continuous
output current in both phases and reducing the need for
a large output decoupling capacitor. The constant fre-
quency, constant duty cycle operation also produces
predictable constant frequency harmonics.
Thermal Resistance
The SC633 package is thermally efficient when the circuit
board layout connects the thermal pad through multiple
vias to the ground plane. The thermal resistance rating is
dependent upon the connection between the thermal
pad and the ground plane. A layout that is done correctly
should keep the junction temperature below the over-
temperature limit while operating the SC633 within the
specified electrical conditions. A poor layout may allow
the junction temperature to reach the over temperature
limit, so it is important to maintain adequate ground plane
around the device to maximize heat transfer to the PCB.
Temperature Derating
The maximum power dissipation of the package can be
calculated by the difference between the junction tem-
perature of 50 degree and the ambient temperature
divided by the thermal impedance 68 °C/W. The higher
the ambient temperature, the lower the maximum allow-
able power dissipation. At a given V
IN condition, the
allowable power dissipation will correlates to the specific
output current related to the operation efficiency. The
following derating curve is obtained based on efficiency
at input voltage of 5V and 3.3V. For any input conditions,
due to the mode hysteresis, SC633 operation mode might
be determined from its previous operation voltage, it
could be in X, .5X, or 2X mode. The low efficiency
should always be used for worst case consideration. In
this case, at V
IN =3.3V, SC633 operates in 2X mode. At VIN
=5V, SC633 operates either in 2X or .5X mode. In the
derating curve below, the DC operating points beneath
each curve are in the safe operating temperature range
of the MLP package.
Maximum Continuous Output
Mode Transition
As input voltage varies, the SC633 will experience mode
transitions. The transition threshold changes with input
voltage and load conditions. The mode change hysteresis
at several load current conditions are shown in the oper-
ating curves on page 6. Mode transition will bring output
voltage dip or overshoots. The output voltage deviation
in mode transition can be improved by using larger
output capacitors if the output voltage going beyond the
regulation range.
Mode Transition Hysteresis
Hysteresis is provided to prevent chatter between charge
pump modes for input steps of up to 20mV. Decouple
the input to prevent steps greater than 20mV, for
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com