Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation SC633 Datasheet HTML 10Page - Semtech Corporation SC633 Datasheet HTML 11Page - Semtech Corporation SC633 Datasheet HTML 12Page - Semtech Corporation SC633 Datasheet HTML 13Page - Semtech Corporation SC633 Datasheet HTML 14Page - Semtech Corporation SC633 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
SC633
4
Land Pattern — MLPD-UT-8 2x2
INCHES
DIM ENSIONS
P
Z
X
Y
C
G
DIM
M ILLIM ETERS
FAILURE TO DO SO M AY COM PROM ISE THE THERM AL AND/OR
FUNCTIONAL PERFORM ANCE OF THE DEVICE.
SHALL BE CONNECTED TO A SYSTEM GROUND PLANE.
THERM AL VIAS IN THE LAND PATTERN OF THE EXPOSED PAD
3.
H
.067
1.70
K
.031
0.80
R
.006
0.15
Y
R
G
Z
P
X
(C)
1.
CONTROLLING DIM ENSIONS ARE IN M ILLIM ETERS (ANGLES IN DEGREES).
H
K
.030
.106
(.077)
.047
0.75
2.70
(1.95)
1.20
0.30
0.50
.020
.012
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR M ANUFACTURING GROUP TO ENSURE YOUR
COM PANY'S M ANUFACTURING GUIDELINES ARE M ET.
NOTES:
2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com