Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 2 Page - Semtech Corporation

  SC633 Datasheet HTML 1Page - Semtech Corporation SC633 Datasheet HTML 2Page - Semtech Corporation SC633 Datasheet HTML 3Page - Semtech Corporation SC633 Datasheet HTML 4Page - Semtech Corporation SC633 Datasheet HTML 5Page - Semtech Corporation SC633 Datasheet HTML 6Page - Semtech Corporation SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SC633
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC633ULTRT()(2)
MLPD-UT-8 2x2
SC633EVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant,
and halogen-free.
TO P VIEW
T
1
2
4
5
6
3
7
8
C2+
C2-
O UT
EN
G ND
C1+
C1-
IN
nnn
yw
MLPD-UT-8; 2x2, 8 LEAD
θ
JA = 68°C/W
nnn=Part Number
Oyw = Pin 1 and Datecode
Device Options
Part Num
nnn
Features
SC630A
K0A
 MHz, 3.3V, smaller C
in and Cout
SC632A
K2A
 MHz, 5V, smaller C
in and Cout
SC632
632
200 kHz, 5.0V
SC630
630
200 kHz, 3.3V
SC633
633
200 kHz, 5.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com