Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation SC633 Datasheet HTML 10Page - Semtech Corporation SC633 Datasheet HTML 11Page - Semtech Corporation SC633 Datasheet HTML 12Page - Semtech Corporation SC633 Datasheet HTML 13Page - Semtech Corporation SC633 Datasheet HTML 14Page - Semtech Corporation SC633 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
SC633

optimum transient performance, when the input voltage
reaches the mode transition thresholds.
Protection Circuitry
The SC633 also provides protection circuitry that prevents
the device from operating in an unspecified state. These
functions include:
Over-Current Protection (OCP)
Short-Circuit Current Protection (SCCP)
Over-Temperature Protection (OTP)
Over-Current Protection
Over-current protection is provided to limit the output
current. When V
OUT is greater than 2V, OCP limits the output
to A typical. The threshold at 2V allows the device to
recover from excessive voltage droop during an over
current.
Short-Circuit Current Protection
Short-circuit current protection is provided to limit the
current that can be sourced when the output is shorted to
ground. When a short circuit forces V
OUT to drop below 2V,
the SCCP detects the condition and limits the output
current to 600mA (typical).
Over-Temperature Protection
The over-temperature circuit helps prevent the device
from overheating and experiencing a catastrophic failure.
When the junction temperature exceeds 65°C, the device
is disabled. It remains disabled until the junction tempera-
ture drops below this threshold. Hysteresis is included
•
•
•
Applications Information (continued)
that prevents the device from re-enabling until the junc-
tion temperature is reduced by 20°C.
Capacitor Selection
The SC633 is designed to use low-ESR ceramic capacitors
for the input and output bypass capacitors as well as the
charge pump bucket capacitors. Ideal performance is
achieved when the bucket capacitors are exactly equal.
The value of input and output decoupling capacitors will
vary with system requirements. For best ripple perfor-
mance C
IN and COUT are normally 22µF and the bucket
capacitors C
 and C2 are 2.2µF. For low profile designs, two
0µF capacitors may be used in place of each 22µF.
When selecting capacitors for an application, first consider
the DC voltage characteristic of the capacitor. The value
of capacitance at the DC operating voltage may be con-
siderably lower than the rated value. The following table
lists recommended capacitor values which have been
chosen to minimize the impact of this limitation.
Table 1 — Recommended Capacitors
Capacitor Value
μF
Case
Size
Notes
C
IN , COUT
22
0805
Typical output V
PP ≤ 20mV in all
charge pump modes
Typical input ripple ≤ 00mV in all
charge pump modes
C
BUCKET
2.2
0603
Required for the full rated output
current
C
BUCKET
2.2
0402
Useful for load current up to
300mA
NOTE: Use only X5R type capacitors, with a 6.3V rating or higher
The highest capacitance values in the smallest package
sizes will tend to have poor DC voltage characteristics.
The highest value 0402 size capacitor retains as little as
35% of its rated value at 5VDC. The same value chosen in
the next larger package size, 0603, will retain about 60%
of its rated value at 5VDC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com