Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC633 Datasheet HTML 3Page - Semtech Corporation SC633 Datasheet HTML 4Page - Semtech Corporation SC633 Datasheet HTML 5Page - Semtech Corporation SC633 Datasheet HTML 6Page - Semtech Corporation SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation SC633 Datasheet HTML 10Page - Semtech Corporation SC633 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SC633
7
Ripple — 1x Mode
Time (4µs/div)
V
OUT -PP (20mV/div)
I
OUT (200mA/div)
V
IN = 5.5V, VOUT = 5.3V, IOUT = 400mA
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
Ripple — 1.5x Mode
Ripple — 2x Mode
V
OUT -PP (50mV/div)
I
OUT (200mA/div)
V
OUT -PP
(00mV/div)
I
OUT (200mA/div)
Time (4µs/div)
Time (4µs/div)
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
V
IN = 4.2V, VOUT= 5.3V, IOUT = 400mA
V
IN = 3.3V, VOUT = 5.3V, IOUT = 400mA
Startup (No Load)
V
IN = 3.6V, IOUT = 0mA
V
EN (V/div)–
V
OUT (2V/div)–
Startup (400mA)
V
IN = 5V, IOUT = 400mA
V
EN (V/div)–
I
OUT (200mA/div)
V
OUT (2V/div)–
–
Typical Characteristics (continued)
Time (100µs/div)
Time (200µs/div)
Mode Transition at Load =240mA
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)
V
in = 3V to 5.5V, Vout=5.3V, IOUT = 240mA
I
OUT (200mA/div)
V
IN (V/div, Ch)–
V
OUT (200mV/div)–
–
C
IN=COUT=22µF (0805)
C
=C2=2.2µF (0603)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com