Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC633 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC633
Description  Fixed 5.3V Output Charge Pump Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC633 Datasheet(HTML) 1 Page - Semtech Corporation

  SC633 Datasheet HTML 1Page - Semtech Corporation SC633 Datasheet HTML 2Page - Semtech Corporation SC633 Datasheet HTML 3Page - Semtech Corporation SC633 Datasheet HTML 4Page - Semtech Corporation SC633 Datasheet HTML 5Page - Semtech Corporation SC633 Datasheet HTML 6Page - Semtech Corporation SC633 Datasheet HTML 7Page - Semtech Corporation SC633 Datasheet HTML 8Page - Semtech Corporation SC633 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
POWER MANAGEMENT

SC633
Fixed 5.3V Output
Charge Pump Regulator
Features
Input voltage range — 2.9V to 5.5V
V
OUT tolerance — 5.3V ±3%
Continuous output current — 275mA, V
IN=3V
Peak output current — 400mA
Three charge pump modes — x, .5x and 2x
Output ripple ≤ 40mV
PP for IOUT ≤ 400mA
Short circuit, over-voltage, and over-temperature
protection
Soft-start functionality
Shutdown current — 0.µA, typical
Ultra thin package — 2 x 2 x 0.6 (mm)
Lead-free and halogen-free
WEEE and RoHS compliant
Applications
Mobile phones
MP3 players
USB On-The-Go
Multi-LED backlit LCDs
Compact flash/CF+ products
PMPs
Digital video cameras
Digital still cameras
PDAs
Description
The SC633 is a high-current voltage regulator using
Semtech’s proprietary low-noise charge pump technol-
ogy. Performance is optimized for use in single Li-Ion
battery cell applications. The regulator provides the per-
formance of a linear, low drop-out (LDO) voltage regulator
when the input is greater than 5.3V. Unlike an LDO, drop-
out is avoided when the input is less than 5.3V. Instead, a
charge pump is activated to provide voltage boost and
the head-room needed for voltage regulation.
Only two 2.2µF bucket capacitors are required to deliver
the full output current. The charge pump provides a low
EMI solution compared to inductive boost regulators.
The SC633’s charge pump has three modes of operation:
2x, .5x, and x modes. The 2x and .5x modes deliver
current to the load in each of two phases. The x mode
turns off the charge pump, delivering current through an
LDO. When active, the charge pump provides low-ripple
operation at 200kHz, which is typically less than 30mVpp
at the output. The SC633 is capable of delivering 275mA
continuous current, with peak current to 400mA. A 22µF
output capacitor is used for decoupling the load and for
smoothing mode transitions. Hysteresis is provided to
prevent chatter between charge pump modes.
SC633
VBAT
VOUT = 5.3V @ 275mA
OUT
C1+
IN
GND
EN
C1-
C2+
C2-
CIN
22µF
COUT
22µF
C1
2.2µF
C2
2.2µF
Chip
enable
Typical Application Circuit
Rev 2.0
US Patent: 7,808,220


Similar Part No. - SC633

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
Low off-state leakage
SC63-10 WILLOW-SC63-10 Datasheet
179Kb / 3P
1.0A, 60 Vdc Optically Isolated
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
Pedometer
logo
Semtech Corporation
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
More results

Similar Description - SC633

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
Negative Output Charge Pump Regulator(100mA)
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
Triple-Output Charge Pump Regulator
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
Negative Output Charge Pump Regulator
logo
Semtech Corporation
SC630 SEMTECH-SC630 Datasheet
274Kb / 14P
Fixed 3.3V High Output Charge Pump Buck/Boost Regulator
SC632 SEMTECH-SC632 Datasheet
232Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC631 SEMTECH-SC631 Datasheet
237Kb / 14P
Fixed 4.4V Output Charge Pump Regulator
SC632 SEMTECH-SC632_1 Datasheet
238Kb / 14P
Fixed 5.0V Output Charge Pump Regulator
SC630A SEMTECH-SC630A Datasheet
431Kb / 15P
1MHz Fixed 3.3V Output Charge Pump Regulator
SC632A SEMTECH-SC632A Datasheet
509Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
SC632AULTRT SEMTECH-SC632AULTRT Datasheet
475Kb / 15P
1MHz Fixed 5.0V Output Charge Pump Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com