Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 5 Page - Vishay Siliconix

  K331M15X7RF5.L2 Datasheet HTML 1Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
59
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Vishay
390
50
K391K15X7RF5.L2
K391M15X7RF5.L2
2.5 (0.10)
390
K391K15X7RF5.H5
K391M15X7RF5.H5
5.0 (0.20)
470
K471K15X7RF5.L2
K471M15X7RF5.L2
2.5 (0.10)
470
K471K15X7RF5.H5
K471M15X7RF5.H5
5.0 (0.20)
560
K561K15X7RF5.L2
K561M15X7RF5.L2
2.5 (0.10)
560
K561K15X7RF5.H5
K561M15X7RF5.H5
5.0 (0.20)
680
K681K15X7RF5.L2
K681M15X7RF5.L2
2.5 (0.10)
680
K681K15X7RF5.H5
K681M15X7RF5.H5
5.0 (0.20)
820
K821K15X7RF5.L2
K821M15X7RF5.L2
2.5 (0.10)
820
K821K15X7RF5.H5
K821M15X7RF5.H5
5.0 (0.20)
1000
K102K15X7RF5.L2
K102M15X7RF5.L2
2.5 (0.10)
1000
K102K15X7RF5.H5
K102M15X7RF5.H5
5.0 (0.20)
1200
K122K15X7RF5.L2
K122M15X7RF5.L2
2.5 (0.10)
1200
K122K15X7RF5.H5
K122M15X7RF5.H5
5.0 (0.20)
1500
K152K15X7RF5.L2
K152M15X7RF5.L2
2.5 (0.10)
1500
K152K15X7RF5.H5
K152M15X7RF5.H5
5.0 (0.20)
1800
K182K15X7RF5.L2
K182M15X7RF5.L2
2.5 (0.10)
1800
K182K15X7RF5.H5
K182M15X7RF5.H5
5.0 (0.20)
2200
K222K15X7RF5.L2
K222M15X7RF5.L2
2.5 (0.10)
2200
K222K15X7RF5.H5
K222M15X7RF5.H5
5.0 (0.20)
2700
K272K15X7RF5.L2
K272M15X7RF5.L2
2.5 (0.10)
2700
K272K15X7RF5.H5
K272M15X7RF5.H5
5.0 (0.20)
3300
K332K15X7RF5.L2
K332M15X7RF5.L2
2.5 (0.10)
3300
K332K15X7RF5.H5
K332M15X7RF5.H5
5.0 (0.20)
3900
K392K15X7RF5.L2
K392M15X7RF5.L2
2.5 (0.10)
3900
K392K15X7RF5.H5
K392M15X7RF5.H5
5.0 (0.20)
4700
K472K15X7RF5.L2
K472M15X7RF5.L2
2.5 (0.10)
4700
K472K15X7RF5.H5
K472M15X7RF5.H5
5.0 (0.20)
5600
K562K15X7RF5.L2
K562M15X7RF5.L2
2.5 (0.10)
5600
K562K15X7RF5.H5
K562M15X7RF5.H5
5.0 (0.20)
6800
K682K15X7RF5.L2
K682M15X7RF5.L2
2.5 (0.10)
6800
K682K15X7RF5.H5
K682M15X7RF5.H5
5.0 (0.20)
8200
K822K15X7RF5.L2
K822M15X7RF5.L2
2.5 (0.10)
8200
K822K15X7RF5.H5
K822M15X7RF5.H5
5.0 (0.20)
10 000
K103K15X7RF5.L2
K103M15X7RF5.L2
2.5 (0.10)
10 000
K103K15X7RF5.H5
K103M15X7RF5.H5
5.0 (0.20)
12 000
K123K15X7RF5.L2
K123M15X7RF5.L2
2.5 (0.10)
12 000
K123K15X7RF5.H5
K123M15X7RF5.H5
5.0 (0.20)
15 000
K153K15X7RF5.L2
K153M15X7RF5.L2
2.5 (0.10)
15 000
K153K15X7RF5.H5
K153M15X7RF5.H5
5.0 (0.20)
18 000
K183K15X7RF5.L2
K183M15X7RF5.L2
2.5 (0.10)
18 000
K183K15X7RF5.H5
K183M15X7RF5.H5
5.0 (0.20)
22 000
K223K15X7RF5.L2
K223M15X7RF5.L2
2.5 (0.10)
22 000
K223K15X7RF5.H5
K223M15X7RF5.H5
5.0 (0.20)
27 000
K273K15X7RF5.L2
K273M15X7RF5.L2
2.5 (0.10)
27 000
K273K15X7RF5.H5
K273M15X7RF5.H5
5.0 (0.20)
MONO-KAP X7R - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com