Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 4 Page - Vishay Siliconix

  K331M15X7RF5.L2 Datasheet HTML 1Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
58
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
PART NUMBER LISTING - if not in range chart, please contact cmll@vishay.com
MONO-KAP Y5V - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
+ 80 %/- 20 % TOLERANCE
13th digit (T = Reel, U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
10 000
50
K103Z15Y5VF5.L2
2.5 (0.10)
10 000
K103Z15Y5VF5.H5
5.0 (0.20)
15 000
K153Z15Y5VF5.L2
2.5 (0.10)
15 000
K153Z15Y5VF5.H5
5.0 (0.20)
22 000
K223Z15Y5VF5.L2
2.5 (0.10)
22 000
K223Z15Y5VF5.H5
5.0 (0.20)
33 000
K333Z15Y5VF5.L2
2.5 (0.10)
33 000
K333Z15Y5VF5.H5
5.0 (0.20)
47 000
K473Z15Y5VF5.L2
2.5 (0.10)
47 000
K473Z15Y5VF5.H5
5.0 (0.20)
68 000
K683Z15Y5VF5.L2
2.5 (0.10)
68 000
K683Z15Y5VF5.H5
5.0 (0.20)
100 000
K104Z15Y5VF5.L2
2.5 (0.10)
100 000
K104Z15Y5VF5.H5
5.0 (0.20)
150 000
K154Z15Y5VF5.L2
2.5 (0.10)
150 000
K154Z15Y5VF5.H5
5.0 (0.20)
220 000
K224Z15Y5VF5.L2
2.5 (0.10)
220 000
K224Z15Y5VF5.H5
5.0 (0.20)
330 000
K334Z20Y5VF5.L2
2.5 (0.10)
330 000
K334Z20Y5VF5.H5
5.0 (0.20)
470 000
K474Z20Y5VF5.L2
2.5 (0.10)
470 000
K474Z20Y5VF5.H5
5.0 (0.20)
680 000
K684Z20Y5VF5.L2
2.5 (0.10)
680 000
K684Z20Y5VF5.H5
5.0 (0.20)
1 000 000
K105Z20Y5VF5.L2
2.5 (0.10)
1 000 000
K105Z20Y5VF5.H5
5.0 (0.20)
MONO-KAP X7R - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
100
50
K101K15X7RF5.L2
K101M15X7RF5.L2
2.5 (0.10)
100
K101K15X7RF5.H5
K101M15X7RF5.H5
5.0 (0.20)
120
K121K15X7RF5.L2
K121M15X7RF5.L2
2.5 (0.10)
120
K121K15X7RF5.H5
K121M15X7RF5.H5
5.0 (0.20)
150
K151K15X7RF5.L2
K151M15X7RF5.L2
2.5 (0.10)
150
K151K15X7RF5.H5
K151M15X7RF5.H5
5.0 (0.20)
180
K181K15X7RF5.L2
K181M15X7RF5.L2
2.5 (0.10)
180
K181K15X7RF5.H5
K181M15X7RF5.H5
5.0 (0.20)
220
K221K15X7RF5.L2
K221M15X7RF5.L2
2.5 (0.10)
220
K221K15X7RF5.H5
K221M15X7RF5.H5
5.0 (0.20)
270
K271K15X7RF5.L2
K271M15X7RF5.L2
2.5 (0.10)
270
K271K15X7RF5.H5
K271M15X7RF5.H5
5.0 (0.20)
330
K331K15X7RF5.L2
K331M15X7RF5.L2
2.5 (0.10)
330
K331K15X7RF5.H5
K331M15X7RF5.H5
5.0 (0.20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com