Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button K331M15X7RF5.L2 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
60
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
33 000
50
K333K15X7RF5.L2
K333M15X7RF5.L2
2.5 (0.10)
33 000
K333K15X7RF5.H5
K333M15X7RF5.H5
5.0 (0.20)
39 000
K393K15X7RF5.L2
K393M15X7RF5.L2
2.5 (0.10)
39 000
K393K15X7RF5.H5
K393M15X7RF5.H5
5.0 (0.20)
47 000
K473K15X7RF5.L2
K473M15X7RF5.L2
2.5 (0.10)
47 000
K473K15X7RF5.H5
K473M15X7RF5.H5
5.0 (0.20)
56 000
K563K15X7RF5.L2
K563M15X7RF5.L2
2.5 (0.10)
56 000
K563K15X7RF5.H5
K563M15X7RF5.H5
5.0 (0.20)
68 000
K683K15X7RF5.L2
K683M15X7RF5.L2
2.5 (0.10)
68 000
K683K15X7RF5.H5
K683M15X7RF5.H5
5.0 (0.20)
82 000
K823K15X7RF5.L2
K823M15X7RF5.L2
2.5 (0.10)
82 000
K823K15X7RF5.H5
K823M15X7RF5.H5
5.0 (0.20)
100 000
K104K15X7RF5.L2
K104M15X7RF5.L2
2.5 (0.10)
100 000
K104K15X7RF5.H5
K104M15X7RF5.H5
5.0 (0.20)
150 000
K154K20X7RF5.L2
K154M20X7RF5.L2
2.5 (0.10)
150 000
K154K20X7RF5.H5
K154M20X7RF5.H5
5.0 (0.20)
220 000
K224K20X7RF5.L2
K224M20X7RF5.L2
2.5 (0.10)
220 000
K224K20X7RF5.H5
K224M20X7RF5.H5
5.0 (0.20)
330 000
K334K20X7RF5.L2
K334M20X7RF5.L2
2.5 (0.10)
330 000
K334K20X7RF5.H5
K334M20X7RF5.H5
5.0 (0.20)
470 000
K474K20X7RF5.L2
K474M20X7RF5.L2
2.5 (0.10)
470 000
K474K20X7RF5.H5
K474M20X7RF5.H5
5.0 (0.20)
680 000
K684K20X7RF5.L2
K684M20X7RF5.L2
2.5 (0.10)
680 000
K684K20X7RF5.H5
K684M20X7RF5.H5
5.0 (0.20)
1 000 000
K105K20X7RF5.L2
K105M20X7RF5.L2
2.5 (0.10)
1 000 000
K105K20X7RF5.H5
K105M20X7RF5.H5
5.0 (0.20)
MONO-KAP C0G - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
10
50
K100J15C0GF5.L2
K100K15C0GF5.L2
2.5 (0.10)
10
K100J15C0GF5.H5
K100K15C0GF5.H5
5.0 (0.20)
12
K120J15C0GF5.L2
K120K15C0GF5.L2
2.5 (0.10)
12
K120J15C0GF5.H5
K120K15C0GF5.H5
5.0 (0.20)
15
K150J15C0GF5.L2
K150K15C0GF5.L2
2.5 (0.10)
15
K150J15C0GF5.H5
K150K15C0GF5.H5
5.0 (0.20)
18
K180J15C0GF5.L2
K180K15C0GF5.L2
2.5 (0.10)
18
K180J15C0GF5.H5
K180K15C0GF5.H5
5.0 (0.20)
22
K220J15C0GF5.L2
K220K15C0GF5.L2
2.5 (0.10)
22
K220J15C0GF5.H5
K220K15C0GF5.H5
5.0 (0.20)
27
K270J15C0GF5.L2
K270K15C0GF5.L2
2.5 (0.10)
27
K270J15C0GF5.H5
K270K15C0GF5.H5
5.0 (0.20)
33
K330J15C0GF5.L2
K330K15C0GF5.L2
2.5 (0.10)
33
K330J15C0GF5.H5
K330K15C0GF5.H5
5.0 (0.20)
39
K390J15C0GF5.L2
K390K15C0GF5.L2
2.5 (0.10)
39
K390J15C0GF5.H5
K390K15C0GF5.H5
5.0 (0.20)
MONO-KAP X7R - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com