Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 10Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 11Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 12Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
65
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Vishay
33
100
K330J15C0GH5.L2
K330K15C0GH5.L2
2.5 (0.10)
33
K330J15C0GH5.H5
K330K15C0GH5.H5
5.0 (0.20)
39
K390J15C0GH5.L2
K390K15C0GH5.L2
2.5 (0.10)
39
K390J15C0GH5.H5
K390K15C0GH5.H5
5.0 (0.20)
47
K470J15C0GH5.L2
K470K15C0GH5.L2
2.5 (0.10)
47
K470J15C0GH5.H5
K470K15C0GH5.H5
5.0 (0.20)
56
K560J15C0GH5.L2
K560K15C0GH5.L2
2.5 (0.10)
56
K560J15C0GH5.H5
K560K15C0GH5.H5
5.0 (0.20)
68
K680J15C0GH5.L2
K680K15C0GH5.L2
2.5 (0.10)
68
K680J15C0GH5.H5
K680K15C0GH5.H5
5.0 (0.20)
82
K820J15C0GH5.L2
K820K15C0GH5.L2
2.5 (0.10)
82
K820J15C0GH5.H5
K820K15C0GH5.H5
5.0 (0.20)
100
K101J15C0GH5.L2
K101K15C0GH5.L2
2.5 (0.10)
100
K101J15C0GH5.H5
K101K15C0GH5.H5
5.0 (0.20)
120
K121J15C0GH5.L2
K121K15C0GH5.L2
2.5 (0.10)
120
K121J15C0GH5.H5
K121K15C0GH5.H5
5.0 (0.20)
150
K151J15C0GH5.L2
K151K15C0GH5.L2
2.5 (0.10)
150
K151J15C0GH5.H5
K151K15C0GH5.H5
5.0 (0.20)
180
K181J15C0GH5.L2
K181K15C0GH5.L2
2.5 (0.10)
180
K181J15C0GH5.H5
K181K15C0GH5.H5
5.0 (0.20)
220
K221J15C0GH5.L2
K221K15C0GH5.L2
2.5 (0.10)
220
K221J15C0GH5.H5
K221K15C0GH5.H5
5.0 (0.20)
270
K271J15C0GH5.L2
K271K15C0GH5.L2
2.5 (0.10)
270
K271J15C0GH5.H5
K271K15C0GH5.H5
5.0 (0.20)
330
K331J15C0GH5.L2
K331K15C0GH5.L2
2.5 (0.10)
330
K331J15C0GH5.H5
K331K15C0GH5.H5
5.0 (0.20)
390
K391J15C0GH5.L2
K391K15C0GH5.L2
2.5 (0.10)
390
K391J15C0GH5.H5
K391K15C0GH5.H5
5.0 (0.20)
470
K471J15C0GH5.L2
K471K15C0GH5.L2
2.5 (0.10)
470
K471J15C0GH5.H5
K471K15C0GH5.H5
5.0 (0.20)
560
K561J15C0GH5.L2
K561K15C0GH5.L2
2.5 (0.10)
560
K561J15C0GH5.H5
K561K15C0GH5.H5
5.0 (0.20)
680
K681J15C0GH5.L2
K681K15C0GH5.L2
2.5 (0.10)
680
K681J15C0GH5.H5
K681K15C0GH5.H5
5.0 (0.20)
820
K821J15C0GH5.L2
K821K15C0GH5.L2
2.5 (0.10)
820
K821J15C0GH5.H5
K821K15C0GH5.H5
5.0 (0.20)
1000
K102J20C0GH5.L2
K102K20C0GH5.L2
2.5 (0.10)
1000
K102J20C0GH5.H5
K102K20C0GH5.H5
5.0 (0.20)
1200
K122J20C0GH5.L2
K122K20C0GH5.L2
2.5 (0.10)
1200
K122J20C0GH5.H5
K122K20C0GH5.H5
5.0 (0.20)
1500
K152J20C0GH5.L2
K152K20C0GH5.L2
2.5 (0.10)
1500
K152J20C0GH5.H5
K152K20C0GH5.H5
5.0 (0.20)
1800
K182J20C0GH5.L2
K182K20C0GH5.L2
2.5 (0.10)
1800
K182J20C0GH5.H5
K182K20C0GH5.H5
5.0 (0.20)
2200
K222J20C0GH5.L2
K222K20C0GH5.L2
2.5 (0.10)
2200
K222J20C0GH5.H5
K222K20C0GH5.H5
5.0 (0.20)
MONO-KAP C0G - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com