Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 10 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 10Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 11Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 12Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
64
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
8200
100
K822K15X7RH5.L2
K822M15X7RH5.L2
2.5 (0.10)
8200
K822K15X7RH5.H5
K822M15X7RH5.H5
5.0 (0.20)
10 000
K103K15X7RH5.L2
K103M15X7RH5.L2
2.5 (0.10)
10 000
K103K15X7RH5.H5
K103M15X7RH5.H5
5.0 (0.20)
12 000
K123K15X7RH5.L2
K123M15X7RH5.L2
2.5 (0.10)
12 000
K123K15X7RH5.H5
K123M15X7RH5.H5
5.0 (0.20)
15 000
K153K15X7RH5.L2
K153M15X7RH5.L2
2.5 (0.10)
15 000
K153K15X7RH5.H5
K153M15X7RH5.H5
5.0 (0.20)
18 000
K183K15X7RH5.L2
K183M15X7RH5.L2
2.5 (0.10)
18 000
K183K15X7RH5.H5
K183M15X7RH5.H5
5.0 (0.20)
22 000
K223K15X7RH5.L2
K223M15X7RH5.L2
2.5 (0.10)
22 000
K223K15X7RH5.H5
K223M15X7RH5.H5
5.0 (0.20)
27 000
K273K20X7RH5.L2
K273M20X7RH5.L2
2.5 (0.10)
27 000
K273K20X7RH5.H5
K273M20X7RH5.H5
5.0 (0.20)
33 000
K333K20X7RH5.L2
K333M20X7RH5.L2
2.5 (0.10)
33 000
K333K20X7RH5.H5
K333M20X7RH5.H5
5.0 (0.20)
39 000
K393K20X7RH5.L2
K393M20X7RH5.L2
2.5 (0.10)
39 000
K393K20X7RH5.H5
K393M20X7RH5.H5
5.0 (0.20)
47 000
K473K20X7RH5.L2
K473M20X7RH5.L2
2.5 (0.10)
47 000
K473K20X7RH5.H5
K473M20X7RH5.H5
5.0 (0.20)
56 000
K563K20X7RH5.L2
K563M20X7RH5.L2
2.5 (0.10)
56 000
K563K20X7RH5.H5
K563M20X7RH5.H5
5.0 (0.20)
68 000
K683K20X7RH5.L2
K683M20X7RH5.L2
2.5 (0.10)
68 000
K683K20X7RH5.H5
K683M20X7RH5.H5
5.0 (0.20)
82 000
K823K20X7RH5.L2
K823M20X7RH5.L2
2.5 (0.10)
82 000
K823K20X7RH5.H5
K823M20X7RH5.H5
5.0 (0.20)
100 000
K104K20X7RH5.L2
K104M20X7RH5.L2
2.5 (0.10)
100 000
K104K20X7RH5.H5
K104M20X7RH5.H5
5.0 (0.20)
MONO-KAP C0G - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
10
100
K100J15C0GH5.L2
K100K15C0GH5.L2
2.5 (0.10)
10
K100J15C0GH5.H5
K100K15C0GH5.H5
5.0 (0.20)
12
K120J15C0GH5.L2
K120K15C0GH5.L2
2.5 (0.10)
12
K120J15C0GH5.H5
K120K15C0GH5.H5
5.0 (0.20)
15
K150J15C0GH5.L2
K150K15C0GH5.L2
2.5 (0.10)
15
K150J15C0GH5.H5
K150K15C0GH5.H5
5.0 (0.20)
18
K180J15C0GH5.L2
K180K15C0GH5.L2
2.5 (0.10)
18
K180J15C0GH5.H5
K180K15C0GH5.H5
5.0 (0.20)
22
K220J15C0GH5.L2
K220K15C0GH5.L2
2.5 (0.10)
22
K220J15C0GH5.H5
K220K15C0GH5.H5
5.0 (0.20)
27
K270J15C0GH5.L2
K270K15C0GH5.L2
2.5 (0.10)
27
K270J15C0GH5.H5
K270K15C0GH5.H5
5.0 (0.20)
MONO-KAP X7R - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com