Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button K331M15X7RF5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 10Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 11Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
62
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
3900
50
K392J20C0GF5.L2
K392K20C0GF5.L2
2.5 (0.10)
3900
K392J20C0GF5.H5
K392K20C0GF5.H5
5.0 (0.20)
4700
K472J20C0GF5.L2
K472K20C0GF5.L2
2.5 (0.10)
4700
K472J20C0GF5.H5
K472K20C0GF5.H5
5.0 (0.20)
5600
K562J20C0GF5.L2
K562K20C0GF5.L2
2.5 (0.10)
5600
K562J20C0GF5.H5
K562K20C0GF5.H5
5.0 (0.20)
6800
K682J20C0GF5.L2
K682K20C0GF5.L2
2.5 (0.10)
6800
K682J20C0GF5.H5
K682K20C0GF5.H5
5.0 (0.20)
8200
K822J20C0GF5.L2
K822K20C0GF5.L2
2.5 (0.10)
8200
K822J20C0GF5.H5
K822K20C0GF5.H5
5.0 (0.20)
10 000
K103J20C0GF5.L2
K103K20C0GF5.L2
2.5 (0.10)
10 000
K103J20C0GF5.H5
K103K20C0GF5.H5
5.0 (0.20)
MONO-KAP Y5V - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
+ 80 %/- 20 % TOLERANCE
13th digit (T = Reel, U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
10 000
100
K103Z15Y5VH53L2
2.5 (0.10)
10 000
K103Z15Y5VH53H5
5.0 (0.20)
15 000
K153Z15Y5VH53L2
2.5 (0.10)
15 000
K153Z15Y5VH53H5
5.0 (0.20)
22 000
K223Z15Y5VH53L2
2.5 (0.10)
22 000
K223Z15Y5VH53H5
5.0 (0.20)
33 000
K333Z15Y5VH53L2
2.5 (0.10)
33 000
K333Z15Y5VH53H5
5.0 (0.20)
47 000
K473Z15Y5VH53L2
2.5 (0.10)
47 000
K473Z15Y5VH53H5
5.0 (0.20)
68 000
K683Z15Y5VH53L2
2.5 (0.10)
68 000
K683Z15Y5VH53H5
5.0 (0.20)
100 000
K104Z15Y5VH53L2
2.5 (0.10)
100 000
K104Z15Y5VH53H5
5.0 (0.20)
150 000
K154Z20Y5VH53L2
2.5 (0.10)
150 000
K154Z20Y5VH53H5
5.0 (0.20)
220 000
K224Z20Y5VH53L2
2.5 (0.10)
220 000
K224Z20Y5VH53H5
5.0 (0.20)
MONO-KAP C0G - 50 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
5 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com