Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 10Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 11Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 12Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Document Number: 45175
For technical questions, contact: cmll@vishay.com
www.vishay.com
Revision: 16-Nov-09
63
Mono-Kap
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
Vishay
MONO-KAP X7R - 100 VDC CLEAR TEXT CODE
CAPACITANCE (pF)
RATED VOLTAGE (VDC)
10 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
20 % TOLERANCE
13th digit (T = Reel,
U = Ammo, 3 = Bulk)
LEAD SPACING
mm (inch)
100
100
K101K15X7RH5.L2
K101M15X7RH5.L2
2.5 (0.10)
100
K101K15X7RH5.H5
K101M15X7RH5.H5
5.0 (0.20)
120
K121K15X7RH5.L2
K121M15X7RH5.L2
2.5 (0.10)
120
K121K15X7RH5.H5
K121M15X7RH5.H5
5.0 (0.20)
150
K151K15X7RH5.L2
K151M15X7RH5.L2
2.5 (0.10)
150
K151K15X7RH5.H5
K151M15X7RH5.H5
5.0 (0.20)
180
K181K15X7RH5.L2
K181M15X7RH5.L2
2.5 (0.10)
180
K181K15X7RH5.H5
K181M15X7RH5.H5
5.0 (0.20)
220
K221K15X7RH5.L2
K221M15X7RH5.L2
2.5 (0.10)
220
K221K15X7RH5.H5
K221M15X7RH5.H5
5.0 (0.20)
270
K271K15X7RH5.L2
K271M15X7RH5.L2
2.5 (0.10)
270
K271K15X7RH5.H5
K271M15X7RH5.H5
5.0 (0.20)
330
K331K15X7RH5.L2
K331M15X7RH5.L2
2.5 (0.10)
330
K331K15X7RH5.H5
K331M15X7RH5.H5
5.0 (0.20)
390
K391K15X7RH5.L2
K391M15X7RH5.L2
2.5 (0.10)
390
K391K15X7RH5.H5
K391M15X7RH5.H5
5.0 (0.20)
470
K471K15X7RH5.L2
K471M15X7RH5.L2
2.5 (0.10)
470
K471K15X7RH5.H5
K471M15X7RH5.H5
5.0 (0.20)
560
K561K15X7RH5.L2
K561M15X7RH5.L2
2.5 (0.10)
560
K561K15X7RH5.H5
K561M15X7RH5.H5
5.0 (0.20)
680
K681K15X7RH5.L2
K681M15X7RH5.L2
2.5 (0.10)
680
K681K15X7RH5.H5
K681M15X7RH5.H5
5.0 (0.20)
820
K821K15X7RH5.L2
K821M15X7RH5.L2
2.5 (0.10)
820
K821K15X7RH5.H5
K821M15X7RH5.H5
5.0 (0.20)
1000
K102K15X7RH5.L2
K102M15X7RH5.L2
2.5 (0.10)
1000
K102K15X7RH5.H5
K102M15X7RH5.H5
5.0 (0.20)
1200
K122K15X7RH5.L2
K122M15X7RH5.L2
2.5 (0.10)
1200
K122K15X7RH5.H5
K122M15X7RH5.H5
5.0 (0.20)
1500
K152K15X7RH5.L2
K152M15X7RH5.L2
2.5 (0.10)
1500
K152K15X7RH5.H5
K152M15X7RH5.H5
5.0 (0.20)
1800
K182K15X7RH5.L2
K182M15X7RH5.L2
2.5 (0.10)
1800
K182K15X7RH5.H5
K182M15X7RH5.H5
5.0 (0.20)
2200
K222K15X7RH5.L2
K222M15X7RH5.L2
2.5 (0.10)
2200
K222K15X7RH5.H5
K222M15X7RH5.H5
5.0 (0.20)
2700
K272K15X7RH5.L2
K272M15X7RH5.L2
2.5 (0.10)
2700
K272K15X7RH5.H5
K272M15X7RH5.H5
5.0 (0.20)
3300
K332K15X7RH5.L2
K332M15X7RH5.L2
2.5 (0.10)
3300
K332K15X7RH5.H5
K332M15X7RH5.H5
5.0 (0.20)
3900
K392K15X7RH5.L2
K392M15X7RH5.L2
2.5 (0.10)
3900
K392K15X7RH5.H5
K392M15X7RH5.H5
5.0 (0.20)
4700
K472K15X7RH5.L2
K472M15X7RH5.L2
2.5 (0.10)
4700
K472K15X7RH5.H5
K472M15X7RH5.H5
5.0 (0.20)
5600
K562K15X7RH5.L2
K562M15X7RH5.L2
2.5 (0.10)
5600
K562K15X7RH5.H5
K562M15X7RH5.H5
5.0 (0.20)
6800
K682K15X7RH5.L2
K682M15X7RH5.L2
2.5 (0.10)
6800
K682K15X7RH5.H5
K682M15X7RH5.H5
5.0 (0.20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com