Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K331M15X7RF5.L2 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # K331M15X7RF5.L2
Description  Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K331M15X7RF5.L2 Datasheet(HTML) 2 Page - Vishay Siliconix

  K331M15X7RF5.L2 Datasheet HTML 1Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 2Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 3Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 4Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 5Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 6Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 7Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 8Page - Vishay Siliconix K331M15X7RF5.L2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
For technical questions, contact: cmll@vishay.com
Document Number: 45175
56
Revision: 16-Nov-09
Mono-Kap
Vishay
Multilayer Ceramic Dipped Radial Capacitors
50 VDC and 100 VDC
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Capacitance range
10 pF to 8200 pF
100 pF to 1.0 µF
0.1 µF to 1.0 µF
Rated DC voltage
50 V
100 V
50 V
100 V
50 V
100 V
Tolerance on capacitance
± 5 %, ± 10 %
± 10 %, ± 20 %
+ 80 %/- 20 %
Dielectric Code
C0G (NP0)
X7R
Y5V
ORDERING INFORMATION
K
103
K
15
X7R
F
5
3
H
5
PRODUCT
TYPE
CAPACITANCE
CODE
CAPACITANCE
TOLERANCE
SIZE
CODE
TEMP.
CHAR.
RATED
VOLTAGE
LEAD
DIA.
LEAD LENGTH/
PACKAGING
LEAD
STYLE
LEAD
SPACING
K =
Mono-Kap
Two significant
digits followed by
the number of
zeros.
For example:
103 = 10 000 pF
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80 %/- 20 %
Ref.
mech.
spec.
C0G
X7R
Y5V
F =
50 VDC
H =
100 VDC
5 =
0.5 mm
(0.20")
3 = Bulk, with lead
length of 30 mm
± 5.0 mm (1.25")
T = Tape and reel
U = Ammopack
L =
Straight
Lead
H =
High
seated
assy
2 =
2.5 mm
(0.100")
5 =
5.0 mm
(0.200")
Ordering Example: K-103-K-15-X7R-F-5-3-H-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com