Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 48Page - STMicroelectronics LSM330DLC Datasheet HTML 49Page - STMicroelectronics LSM330DLC Datasheet HTML 50Page - STMicroelectronics LSM330DLC Datasheet HTML 51Page - STMicroelectronics LSM330DLC Datasheet HTML 52Page - STMicroelectronics LSM330DLC Datasheet HTML 53Page - STMicroelectronics LSM330DLC Datasheet HTML 54Page - STMicroelectronics LSM330DLC Datasheet HTML 55Page - STMicroelectronics LSM330DLC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
Register descriptions
LSM330DLC
52/66
Doc ID 022162 Rev 2
8.24
Act_THS (3Eh)
8.25
Act_DUR (3Fh)
8.26
WHO_AM_I_G (0Fh)
Device identification register.
8.27
CTRL_REG1_G (20h)
Table 62.
TIME_WINDOW_A description
TW7-TW0
CLICK-CLICK time window
Table 63.
Act_THS register
--
Acth6
Acth5
Acth4
Acth3
Acth2
Acth1
Acth0
Table 64.
Act_THS description
Acth[6-0]
Sleep-to-Wake, Return to Sleep activation threshold
1LSb = 16mg
Table 65.
Act_DUR register
ActD7
ActD6
ActD5
ActD4
ActD3
ActD2
ActD1
ActD0
Table 66.
Act_DUR description
ActD[7-0]
Sleep-to-Wake, Return to Sleep duration
DUR = (Act_DUR + 1)*8/ODR
Table 67.
WHO_AM_I_G register
1
10101
00
Table 68.
CTRL_REG1_G register
DR1
DR0
BW1
BW0
PD
Zen
Xen
Yen
Table 69.
CTRL_REG1_G description
DR1-DR0
Output data rate selection. Refer to Table 70
BW1-BW0
Bandwidth selection. Refer to Table 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com