Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 19Page - STMicroelectronics LSM330DLC Datasheet HTML 20Page - STMicroelectronics LSM330DLC Datasheet HTML 21Page - STMicroelectronics LSM330DLC Datasheet HTML 22Page - STMicroelectronics LSM330DLC Datasheet HTML 23Page - STMicroelectronics LSM330DLC Datasheet HTML 24Page - STMicroelectronics LSM330DLC Datasheet HTML 25Page - STMicroelectronics LSM330DLC Datasheet HTML 26Page - STMicroelectronics LSM330DLC Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
LSM330DLC
Functionality
Doc ID 022162 Rev 2
23/66
4.4
FIFO
The LSM330DLC embeds 32 slots of 16-bit data FIFO for each of the three output channels:
yaw, pitch and roll. This allows consistent power saving for the system, since the host
processor does not need to continuously poll data from the sensor, but can wake up only
when needed and burst the significant data out from the FIFO. This buffer can work
accordingly in five different modes: Bypass mode, FIFO mode, Stream mode, Bypass-to-
Stream mode and Stream-to-FIFO mode. Each mode is selected by the FIFO_MODE bits in
the FIFO_CTRL_REG_G register. Programmable watermark level, FIFO_empty or
FIFO_Full events can be enabled to generate dedicated interrupts on the DRDY_G/INT2_G
pin (configured through the CTRL_REG3_G register and event detection information is
available in the FIFO_SRC_REG_G register. Watermark level can be configured to WTM4:0
in the FIFO_CTRL_REG_G register.
4.4.1
Bypass mode
In Bypass mode, the FIFO is not operational and for this reason it remains empty. As
described in Figure 6 below, for each channel only the first address is used. The remaining
FIFO slots are empty. When new data is available the old data is overwritten.
Figure 6.
Bypass mode
4.4.2
FIFO mode
In FIFO mode, data from the yaw, pitch and roll channels is stored in the FIFO. A watermark
interrupt can be enabled (I2_WMK bit in the CTRL_REG3_G register) in order to be raised
when the FIFO is filled to the level specified in the WTM 4:0 bits of the FIFO_CTRL_REG_G
register. The FIFO continues filling until it is full (32 slots of 16-bit data for yaw, pitch and
roll). When full, the FIFO stops collecting data from the input channels. To restart data
collection, the FIFO_CTRL_REG_G register must be written back to Bypass mode.
FIFO mode is represented in Figure 7: FIFO mode.
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
empty
AM07231v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com