Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 55 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 51Page - STMicroelectronics LSM330DLC Datasheet HTML 52Page - STMicroelectronics LSM330DLC Datasheet HTML 53Page - STMicroelectronics LSM330DLC Datasheet HTML 54Page - STMicroelectronics LSM330DLC Datasheet HTML 55Page - STMicroelectronics LSM330DLC Datasheet HTML 56Page - STMicroelectronics LSM330DLC Datasheet HTML 57Page - STMicroelectronics LSM330DLC Datasheet HTML 58Page - STMicroelectronics LSM330DLC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
LSM330DLC
Register descriptions
Doc ID 022162 Rev 2
55/66
8.29
CTRL_REG3_G (22h)
8.30
CTRL_REG4_G (23h)
1000
0.018
0.045
0.09
0.18
1001
0.009
0.018
0.045
0.09
Table 75.
High-pass filter cut-off frequency configuration [Hz] (continued)
Table 76.
CTRL_REG3_G register
I1_Int1
I1_Boot
H_Lactive
PP_OD
I2_DRDY
I2_WTM
I2_ORun
I2_Empty
Table 77.
CTRL_REG3_G description
I1_Int1
Interrupt enable on INT1_G pin. Default value 0. (0: Disable; 1: Enable)
I1_Boot
Boot status available on INT1_G. Default value 0. (0: Disable; 1: Enable)
H_Lactive
Interrupt active configuration on INT1_G. Default value 0. (0: High; 1:Low)
PP_OD
Push-pull / Open drain. Default value: 0. (0: Push-pull; 1: Open drain)
I2_DRDY
Date ready on DRDY_G/INT2_G. Default value 0. (0: Disable; 1: Enable)
I2_WTM
FIFO watermark interrupt on DRDY_G/INT2_G. Default value: 0. (0: Disable; 1: Ena-
ble)
I2_ORun
FIFO overrun interrupt on DRDY_G/INT2_G Default value: 0. (0: Disable; 1: Enable)
I2_Empty
FIFO empty interrupt on DRDY_G/INT2_G. Default value: 0. (0: Disable; 1: Enable)
Table 78.
CTRL_REG4_G register
BDU
BLE
FS1
FS0
-
0
0
SIM
Table 79.
CTRL_REG4_G description
BDU
Block data update. Default value: 0
(0: continuous update; 1: output registers not updated until MSb and LSb
reading)
BLE
Big/little endian data selection. Default value 0.
(0: Data LSb @ lower address; 1: Data MSb @ lower address)
FS1-FS0
Full scale selection. Default value: 00
(00: 250 dps; 01: 500 dps; 10: 2000 dps; 11: 2000 dps)
SIM
3-wire SPI Serial interface read mode enable. Default value: 0
(0: 3-wire Read mode disabled; 1: 3-wire read enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com