Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 9Page - STMicroelectronics LSM330DLC Datasheet HTML 10Page - STMicroelectronics LSM330DLC Datasheet HTML 11Page - STMicroelectronics LSM330DLC Datasheet HTML 12Page - STMicroelectronics LSM330DLC Datasheet HTML 13Page - STMicroelectronics LSM330DLC Datasheet HTML 14Page - STMicroelectronics LSM330DLC Datasheet HTML 15Page - STMicroelectronics LSM330DLC Datasheet HTML 16Page - STMicroelectronics LSM330DLC Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
LSM330DLC
Module specifications
Doc ID 022162 Rev 2
13/66
2
Module specifications
2.1
Mechanical characteristics
@ Vdd = 3V, T = 25 °C unless otherwise noted (a)
a.
The product is factory calibrated at 3.0 V. The operational power supply range is from 2.4 V to 3.6 V.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
LA_FS
Linear acceleration measurement
range(2)
User-selectable
±2
g
±4
±8
±16
G_FS
Angular rate
measurement range(3)
User-selectable
±250
dps
±500
±2000
LA_So
Linear acceleration sensitivity
FS = ±2 g
1
mg/digit
FS = ±4 g
2
FS = ±8 g
4
FS = ±16 g
12
G_So
Angular rate sensitivity
FS = ±250 dps
8.75
mdps/
digit
FS = ±500 dps
17.50
FS = ±2000 dps
70
LA_So
Linear acceleration sensitivity
change vs. temperature
FS = ±2 g
±0.05
%/°C
G_SoDr
Angular rate sensitivity change vs.
temperature
From -40 °C to +85 °C
±2
%
LA_TyOff
Linear acceleration typical zero-g
level offset accuracy(3)
FS bit set to 00
±60
mg
G_TyOff
Angular rate typical zero-rate
level(4)
FS = 250 dps
±10
dps
FS = 500 dps
±15
FS = 2000 dps
±25
LA_TCOff
Linear acceleration zero-g level
change vs. temperature
Max delta from 25 °C
±0.5
mg/°C
G_TCOff
Zero-rate level change vs.
temperature
±0.05
dps/°C
An
Acceleration noise density
FS = ±2 g, Normal mode
Table 9, ODR bit set to
1001 Table 19
220
µg/
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com