Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 14 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 10Page - STMicroelectronics LSM330DLC Datasheet HTML 11Page - STMicroelectronics LSM330DLC Datasheet HTML 12Page - STMicroelectronics LSM330DLC Datasheet HTML 13Page - STMicroelectronics LSM330DLC Datasheet HTML 14Page - STMicroelectronics LSM330DLC Datasheet HTML 15Page - STMicroelectronics LSM330DLC Datasheet HTML 16Page - STMicroelectronics LSM330DLC Datasheet HTML 17Page - STMicroelectronics LSM330DLC Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
Module specifications
LSM330DLC
14/66
Doc ID 022162 Rev 2
2.2
Electrical characteristics
@ Vdd = 3 V, T = 25 °C unless otherwise noted
Rn
Rate noise density
FS = ±250 dps, BW = 50 Hz
0.03
dps/
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Verified by wafer level test and measurement of initial offset and sensitivity.
3.
Typical zero-g level offset value after MSL3 preconditioning.
4.
Offset can be eliminated by enabling the built-in high-pass filter.
Table 3.
Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Hz
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
2.4
3.6
V
Vdd_IO
Power supply for I/O
1.71
Vdd+0.1
V
LA_Idd
Accelerometer current
consumption in Normal mode
ODR = 50 Hz
11
µA
ODR = 1 Hz
2
LA_IddLowP
Accelerometer current
consumption in Low power
mode
ODR = 50 Hz
6
µA
LA_IddPdn
Accelerometer current
consumption in Power-down
mode
0.5
µA
G_Idd
Gyroscope current
consumption in Normal mode
6.1
mA
G_IddLowP
Gyroscope supply current
in Sleep mode(2)
2mA
G_IddPdn
Gyroscope current
consumption in Power-down
mode
5µA
VIH
Digital high level input voltage
0.8*Vdd_IO
V
VIL
Digital low level input voltage
0.2*Vdd_IO
V
VOH
High level output voltage
0.9*Vdd_IO
V
VOL
Low level output voltage
0.1*Vdd_IO
V
Top
Operating temperature range
-40
+85
°C
1.
Typical specifications are not guaranteed.
2.
Sleep mode introduces a faster turn-on time compared to Power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com