Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 45 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 45 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 41Page - STMicroelectronics LSM330DLC Datasheet HTML 42Page - STMicroelectronics LSM330DLC Datasheet HTML 43Page - STMicroelectronics LSM330DLC Datasheet HTML 44Page - STMicroelectronics LSM330DLC Datasheet HTML 45Page - STMicroelectronics LSM330DLC Datasheet HTML 46Page - STMicroelectronics LSM330DLC Datasheet HTML 47Page - STMicroelectronics LSM330DLC Datasheet HTML 48Page - STMicroelectronics LSM330DLC Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
LSM330DLC
Register descriptions
Doc ID 022162 Rev 2
45/66
8.6
CTRL_REG6_A (25h)
8.7
REFERENCE/DATACAPTURE_A (26h)
8.8
STATUS_REG_A (27h)
LIR_INT1
Latch interrupt request on INT1_SRC register, with INT1_SRC register
cleared by reading INT1_SRC itself. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
D4D_INT1
4D enable: 4D detection is enabled on INT1 when 6D bit on INT1_CFG is set
to 1.
Table 30.
CTRL_REG5_A description (continued)
Table 31.
CTRL_REG6_A register
I2_CLICKen
I2_INT1
0(1)
1.
This bit must be set to ‘0’ for correct operation.
BOOT_I2
0(1)
--
H_LACTIVE
--
Table 32.
CTRL_REG6 description
I2_CLICKen
Click interrupt on INT2_A. Default value 0.
I2_INT1
Interrupt 1 function enabled on INT2_A. Default 0.
BOOT_I2
Boot on INT2_A.
H_LACTIVE
0: interrupt active high; 1: interrupt active low.
Table 33.
REFERENCE_A register
Ref7
Ref6
Ref5
Ref4
Ref3
Ref2
Ref1
Ref0
Table 34.
REFERENCE register description
Ref 7-Ref0
Reference value for interrupt generation. Default value: 0
Table 35.
STATUS_REG_A register
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 36.
STATUS_REG_A register description
ZYXOR
X, Y and Z axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous data)
ZOR
Z axis data overrun. Default value: 0
(0: no overrun has occurred; 1: new data for the Z-axis has overwritten the previous data)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com