Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 22 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 18Page - STMicroelectronics LSM330DLC Datasheet HTML 19Page - STMicroelectronics LSM330DLC Datasheet HTML 20Page - STMicroelectronics LSM330DLC Datasheet HTML 21Page - STMicroelectronics LSM330DLC Datasheet HTML 22Page - STMicroelectronics LSM330DLC Datasheet HTML 23Page - STMicroelectronics LSM330DLC Datasheet HTML 24Page - STMicroelectronics LSM330DLC Datasheet HTML 25Page - STMicroelectronics LSM330DLC Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
Functionality
LSM330DLC
22/66
Doc ID 022162 Rev 2
4.2.5
Stream-to-FIFO mode
In Stream-to-FIFO mode, data from X, Y and Z measurement is stored in the FIFO. A
watermark interrupt can be enabled (FIFO_WTMK_EN bit in the FIFO_CTRL_REG_A
register) in order to be raised when the FIFO is filled to the level specified in the
FIFO_WTMK_LEVEL bits of the FIFO_CTRL_REG_A register. The FIFO continues filling
until it is full (32 slots of 8 -bit data for X, Y and Z). When full, the FIFO discards the older
data as the data new arrives. Once trigger event occurs, the FIFO starts operating in FIFO
mode.
4.2.6
Retrieve data from FIFO
FIFO data is read through OUT_X_L_A, OUT_X_H_A, OUT_Y_L_A, OUT_Y_H_A and
OUT_Z_L _A, OUT_Z_H_A. When the FIFO is in Stream, Trigger or FIFO mode, a read
operation to the OUT_X_L_A, OUT_X_H_A, OUT_Y_L_A, OUT_Y_H_A or OUT_Z_L _A,
OUT_Z_H_A registers provides the data stored in the FIFO. Each time data is read from the
FIFO, the oldest X, Y and Z data are placed in the OUT_X_L_A, OUT_X_H_A,
OUT_Y_L_A, OUT_Y_H_A and OUT_Z_L _A, OUT_Z_H_A registers and both single read
and read_burst operations can be used.
4.3
Gyroscope digital main blocks
Figure 5.
Gyroscope block diagram
ADC
LPF1
HPF
0
1
HPen
LPF2
10
11
01
00
Out_Sel
DataReg
00
11
10
01
Interrupt
generator
INT_Sel
I2C
SPI
INT1
SCR REG
CONF REG
FIFO
32x16x3
AM07230v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com