Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM330DLC Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM330DLC
Description  iNEMO inertial module: 3D accelerometer and 3D gyroscope
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM330DLC Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM330DLC Datasheet HTML 38Page - STMicroelectronics LSM330DLC Datasheet HTML 39Page - STMicroelectronics LSM330DLC Datasheet HTML 40Page - STMicroelectronics LSM330DLC Datasheet HTML 41Page - STMicroelectronics LSM330DLC Datasheet HTML 42Page - STMicroelectronics LSM330DLC Datasheet HTML 43Page - STMicroelectronics LSM330DLC Datasheet HTML 44Page - STMicroelectronics LSM330DLC Datasheet HTML 45Page - STMicroelectronics LSM330DLC Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Register descriptions
LSM330DLC
42/66
Doc ID 022162 Rev 2
8
Register descriptions
The device contains a set of registers which are used to control its behavior and to retrieve
acceleration, angular rate and temperature data. The register addresses, made up of 7 bits,
are used to identify them and to write the data through the serial interface.
8.1
CTRL_REG1_A (20h)
ODR<3:0> is used to set the power mode and ODR selection. Table 21 below provides all
the frequencies resulting from the ODR<3:0> combinations.
Table 19.
CTRL_REG1_A register
ODR3
ODR2
ODR1
ODR0
LPen
Zen
Yen
Xen
Table 20.
CTRL_REG1_A description
ODR3-0
Data rate selection. Default value: 0
(0000: Power-down; Others: refer to Table 21, “Data rate configuration”)
LPen
Low power mode enable. Default value: 0
(0: Normal mode, 1: Low power mode)
Zen
Z axis enable. Default value: 1
(0: Z axis disabled; 1: Z axis enabled)
Yen
Y axis enable. Default value: 1
(0: Y axis disabled; 1: Y axis enabled)
Xen
X axis enable. Default value: 1
(0: X axis disabled; 1: X axis enabled)
Table 21.
Data rate configuration
ODR3
ODR2
ODR1
ODR0
Power mode selection
0000Power-down mode
0001Normal / Low power mode (1 Hz)
0010Normal / Low power mode (10 Hz)
0011Normal / Low power mode (25 Hz)
0100Normal / Low power mode (50 Hz)
0101Normal / Low power mode (100 Hz)
0110Normal / Low power mode (200 Hz)
0111Normal / Low power mode (400 Hz)
1000Low power mode (1.620 kHz)
1001Normal (1.344 kHz) / Low power mode (5.376 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com