Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 17Page - Microchip Technology MCP79412 Datasheet HTML 18Page - Microchip Technology MCP79412 Datasheet HTML 19Page - Microchip Technology MCP79412 Datasheet HTML 20Page - Microchip Technology MCP79412 Datasheet HTML 21Page - Microchip Technology MCP79412 Datasheet HTML 22Page - Microchip Technology MCP79412 Datasheet HTML 23Page - Microchip Technology MCP79412 Datasheet HTML 24Page - Microchip Technology MCP79412 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 21
MCP79410/MCP79411/MCP79412
8.0
SPECIAL FEATURES
8.1
Oscillator Failure Status
The MCP7941X family of devices support an on-board
oscillator failure flag. In register 0x03 (Day Register –
shown below), the OSCON (bit 5) provides a way to
observe the current status of the oscillator.
The state of the bit indicates the oscillator status.
1 = The oscillator is running
0 = The oscillator is not running
The status does not indicate that the oscillator is run-
ning accurately. The OSCON bit is set after 32 stable
oscillator cycles. If the oscillator is stopped by either
clearing the ST bit or the oscillator support components
fail, the OSCON bit is cleared by the hardware after
TOSF. This is timed internally using an on-chip time-out
circuit.
Figure 8-1 shows the operation.
It should be noted that this bit is both set and cleared
by the RTCC hardware, and it will not show that the
oscillator failed in the past. The user can poll this bit at
any time to determine if the oscillator is running.
FIGURE 8-1:
OSCON DIAGRAM
OSCON Bit
(Register 0x03 Bit 5)
32 Oscillator Cycles
TOSF
Crystal Oscillator
<TOSF
REGISTER 8-1:
DAY 0X03
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
—
—
OSCON
VBAT
VBATEN
Day
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5
OSCON: Oscillator Status bit
This bit is set and cleared by hardware.
1 = The external oscillator is enabled and running
0 = The external oscillator has stopped or has been disabled
bit 4
VBAT: External Battery Switched Flag bit.
Not used in this section.
bit 3
VBATEN: External Battery Enable bit
Not used in this section.
bit 2-0
DAY<2:0>: Not used in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com