Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 1 Page - Microchip Technology

  MCP79412 Datasheet HTML 1Page - Microchip Technology MCP79412 Datasheet HTML 2Page - Microchip Technology MCP79412 Datasheet HTML 3Page - Microchip Technology MCP79412 Datasheet HTML 4Page - Microchip Technology MCP79412 Datasheet HTML 5Page - Microchip Technology MCP79412 Datasheet HTML 6Page - Microchip Technology MCP79412 Datasheet HTML 7Page - Microchip Technology MCP79412 Datasheet HTML 8Page - Microchip Technology MCP79412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 1
MCP79410/MCP79411/MCP79412
Device Selection Table
Timekeeping Features:
• Real-Time Clock/Calendar (RTCC):
- Hours, Minutes, Seconds, Day of Week, Day,
Month, Year
- Leap year compensated to 2099
- 12/24 hour modes
• Oscillator for 32,768 kHz Crystals:
- Optimized for 6-9 pF crystals
• On-Chip Digital Trimming/Calibration:
- 1 PPM resolution
- +/- 129 PPM
• Dual Programmable Alarms
• Multifunction Output Pin:
- Clock out with selectable frequency
- Alarm output
- Programmable operation
• Power-Fail Time-Stamp:
- Time logged on Power-up/down
Low-Power Features:
• Wide Operating Voltage:
-VCC: 1.8V to 5.5V
-VBAT: 1.3V to 5.5V
• Low Typical Operating Current:
-VCC Standby: 5 µA
-VBAT Standby: 700 nA
• Automatic Battery Switchover
User Memory:
• 64-byte Battery-Backed SRAM
• 1 Kbit EEPROM Memory:
- Software write-protect
- Page write up to 8 bytes
- Endurance: 1M Erase/Write cycles
• 64-bit Protected EEPROM Memory Area:
- Robust write unlock sequence
-EUI-48™ MAC address
-EUI-64™ MAC address
-Custom specified
Operating Ranges:
• 2-Wire Serial Interface, I2C™ Compatible
-I2C Clock Rate up to 400 kHz
• Temperature Range:
- Industrial (I): -40°C to +85°C
Packages:
• 8-Lead SOIC, MSOP, TSSOP and 2x3 TDFN
General Description:
The MCP7941X Real-Time Clock/Calendar (RTCC)
tracks time using internal counters for hours, minutes,
seconds, days, months, years and day of week.
Alarms can be configured on all counters up to and
including months. For usage and configuration, the
MCP7941X supports I2C communications up to 400
kHz.
The open collector, multifunctional output can be
configured to assert on an alarm match, on
modification of an internal register or to output a
selectable frequency square wave.
The MCP7941X is designed to operate using a 32,768
kHz tuning fork crystal with external crystal load
capacitors. On-chip digital trimming can be used to
adjust for frequency variance caused by crystal
tolerance and temperature.
SRAM and timekeeping circuitry are powered from the
back-up supply allowing the device to maintain
accurate time and the SRAM contents when the main
supply is unavailable. The time when the device
switches over to the back-up supply and returns to
main power is logged by the power-fail time-stamp.
The MCP7941X features 1 Kbit of internal nonvolatile
EEPROM with software write-protectable regions.
There is an additional 64 bits of nonvolatile memory,
referred to as the unique ID space, which is only
writable after an unlock sequence. The MCP7941X
device is available with the unique ID space pre-
programmed with EUI-48 or EUI-64 unique MAC ID’s
or unprogrammed.
Package Types
Part Number
Unique ID
MCP79410
Unprogrammed
MCP79411
EUI-48™
MCP79412
EUI-64™
SOIC, TSSOP, MSOP
X1
X2
VBAT
VSS
1
2
3
4
8
7
6
5
VCC
MFP
SCL
SDA
TDFN
X1
X2
VBAT
VSS
MFP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
Battery-Backed I2C™ Real-Time Clock/Calendar with
EEPROM and Unique ID


Similar Part No. - MCP79412

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP79412 MICROCHIP-MCP79412 Datasheet
580Kb / 38P
I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
MCP79412 MICROCHIP-MCP79412 Datasheet
1Mb / 66P
Dual Programmable Alarms
06/23/16
More results

Similar Description - MCP79412

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12024IRTCZ INTERSIL-ISL12024IRTCZ Datasheet
359Kb / 24P
Real-Time Clock/Calendar with Embedded Unique ID
August 8, 2008
ISL12024 INTERSIL-ISL12024 Datasheet
395Kb / 25P
Real-Time Clock/Calendar with Embedded Unique ID
August 18, 2008
logo
Microchip Technology
MCP79410 MICROCHIP-MCP79410 Datasheet
580Kb / 38P
I2C??Real-Time Clock/Calendar with EEPROM, SRAM, Unique ID and Battery Switchover
2011
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
MCP79400T-I MICROCHIP-MCP79400T-I Datasheet
1Mb / 42P
I2C Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
11/29/11
MCP79400 MICROCHIP-MCP79400_16 Datasheet
920Kb / 62P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM and Protected EEPROM
06/23/16
logo
Intersil Corporation
ISL12024IRTC INTERSIL-ISL12024IRTC Datasheet
426Kb / 24P
Real-Time Clock/Calendar with Embedded Unique ID
December 15, 2011
logo
Renesas Technology Corp
ISL12024 RENESAS-ISL12024 Datasheet
1,018Kb / 25P
Real-Time Clock/Calendar with Embedded Unique ID
ISL12024IRTC RENESAS-ISL12024IRTC Datasheet
974Kb / 24P
Real-Time Clock/Calendar with Embedded Unique ID
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_V01 Datasheet
727Kb / 58P
Battery-Backed I2C Real-Time Clock/Calendar with SRAM
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com