Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 35Page - Microchip Technology MCP79412 Datasheet HTML 36Page - Microchip Technology MCP79412 Datasheet HTML 37Page - Microchip Technology MCP79412 Datasheet HTML 38Page - Microchip Technology MCP79412 Datasheet HTML 39Page - Microchip Technology MCP79412 Datasheet HTML 40Page - Microchip Technology MCP79412 Datasheet HTML 41Page - Microchip Technology MCP79412 Datasheet HTML 42Page - Microchip Technology MCP79412 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 39
MCP79410/MCP79411/MCP79412
10.2.3
EEPROM BYTE WRITE
Following the Start condition from the master, the
control code and the R/W bit (which is a logic low) are
clocked onto the bus by the master transmitter. This
indicates to the addressed slave receiver that a byte
with a word address will follow after it has generated an
Acknowledge bit during the ninth clock cycle.
Therefore, the next byte transmitted by the master is
the word address and will be written into the Address
Pointer of the MCP7941X. After receiving another
Acknowledge signal from the MCP7941X, the master
device transmits the data word to be written into the
addressed
memory
location.
The
MCP7941X
acknowledges again and the master generates a Stop
condition. This initiates the internal write cycle, and,
during this time, the MCP7941X does not generate
Acknowledge signals for EEPROM Write commands.
Access to the RTCC/SRAM registers is possible during
an EEPROM write cycle.
If an attempt is made to write to an address and the
protection is set then the device will acknowledge the
command but no write cycle will occur, no data will be
written, and the device will immediately accept a new
command. After a byte Write command, the internal
address counter will point to the address location
following the one that was just written.
10.2.4
EEPROM PAGE WRITE
The write control byte, word address, and the first data
byte are transmitted to the MCP7941X in the same way
as in a byte write. But instead of generating a Stop
condition, the master transmits up to seven additional
bytes (MCP7941X has an 8-byte page), which are
temporarily stored in the on-chip page buffer and will be
written into memory after the master has transmitted a
Stop condition. After receipt of each word, the three
lower Address Pointer bits are internally incremented
by one. If the master should transmit more than eight
bytes prior to generating the Stop condition, the
address counter will roll over and the data received
previously will be overwritten. As with the byte write
operation, once the Stop condition is received, an
internal write cycle will begin (Figure 10-4).
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being
transmitted.
Physical
page
boundaries start at addresses that are
integer multiples of the page buffer size (or
‘page size’) and end at addresses that are
integer multiples of [page size - 1]. If a
page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.
Note:
Addressing undefined EEPROM locations
will
result
in
the
MCP7941X
not
acknowledging the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com