Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 4 Page - Microchip Technology

  MCP79412 Datasheet HTML 1Page - Microchip Technology MCP79412 Datasheet HTML 2Page - Microchip Technology MCP79412 Datasheet HTML 3Page - Microchip Technology MCP79412 Datasheet HTML 4Page - Microchip Technology MCP79412 Datasheet HTML 5Page - Microchip Technology MCP79412 Datasheet HTML 6Page - Microchip Technology MCP79412 Datasheet HTML 7Page - Microchip Technology MCP79412 Datasheet HTML 8Page - Microchip Technology MCP79412 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 4
 2010-2013 Microchip Technology Inc.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Param.
No.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
—
SCL, SDA pins
——
—
—
D1
VIH
High-level input voltage
0.7 VCC
—V
—
D2
VIL
Low-level input voltage
—
0.3 VCC
0.2 VCC
VVCC = 2.5V to 5.5V
D3
VHYS
Hysteresis of Schmitt
Trigger inputs
(SDA, SCL pins)
0.05
VCC
—V
(Note 1)
D4
VOL
Low-level output voltage
(MFP, SDA)
—0.40
V
IOL = 3.0 ma @ VCC = 4.5V
IOL = 2.1 ma @ VCC = 2.5V
D5
ILI
Input leakage current
—
±1
AVIN = VSS or VCC
D6
ILO
Output leakage current
—
±1
AVOUT = VSS or VCC
D7
CIN,
COUT
Pin capacitance
(SDA, SCL and MFP)
—10
pF
VCC = 5.0V (Note 1)
TA = 25°C, f = 400 kHz
D8
ICC Read Operating current
EEPROM
—
400
AVCC = 5.5V, SCL = 400 kHz
ICC Write
—
3
mA
VCC = 5.5V
D9
ICC Read Operating current
SRAM
—
300
AVCC = 5.5V, SCL = 400 kHz
ICC Write
—
400
AVCC = 5.5V, SCL = 400 kHz
D10
ICCS
Standby current
—
1
AVCC = 5.5V, SCL = SDA = VCC
(Note 3)
IVCC
—5
—
AVCC = 3.6V @ 25°C, Figure 2-2
(Note 2)
D11
VTRIP
VBAT Change Over
1.3
1.5
1.7
V
Typical at TAMB = 25°C
D12
VBAT
VBAT Voltage Range
1.3
5.5
V
(Note 1)
D13
IBAT
Operating current,
Figure 2-1
—
—
—
700
1150
1800
5300
nA
VBAT = 1.8V @ 25°C, (Note 2)
VBAT = 3.0V @ 25°C, (Note 2)
VBAT = 5.0V @ 25°C, (Note 2)
D14
COSC
Oscillator Pin
Capacitance
—3
—
pF
(Note 1)
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Standby with oscillator running.
3:
Standby with oscillator not running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com