Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 18Page - Microchip Technology MCP79412 Datasheet HTML 19Page - Microchip Technology MCP79412 Datasheet HTML 20Page - Microchip Technology MCP79412 Datasheet HTML 21Page - Microchip Technology MCP79412 Datasheet HTML 22Page - Microchip Technology MCP79412 Datasheet HTML 23Page - Microchip Technology MCP79412 Datasheet HTML 24Page - Microchip Technology MCP79412 Datasheet HTML 25Page - Microchip Technology MCP79412 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 22
 2010-2013 Microchip Technology Inc.
8.2
Unique ID
The MCP7941X features an additional 64-bit unique ID
area. This is separate and in addition to the 1K of on-
board EEPROM.
The unique ID is located at addresses 0xF0 through
0xF7 using the EEPROM I2C address. Reading the
unique ID requires the user to simply address these
bytes.The unique ID is factory programmed on devices
to provide a unique IEEE EUI-48 or EUI-64 value. In
addition, customer-provided codes can also be
programmed. Please contact your Microchip sales
channel for more information on custom programming.
The unique ID locations are always readable.
The format of the unique ID is shown in Figure 8-2. This
is an example and the OUI may change.
FIGURE 8-2:
EUI-48/64 NODE ADDRESS PHYSICAL MEMORY MAP EXAMPLE
The unique ID area is protected to prevent unintended
writes to these locations. The unlock sequence is
detailed in 8.2.1 “Unlock Sequence” and consists of
the following sequence:
• A single write of 0x55 to RTCC Addr. 0x09. Stop
• A single write of 0xAA to RTCC Addr. 0x09. Stop
A Stop condition must be used to terminate a I2C
sequence, a Restart will not complete the sequence.
F2h
F7h
24-bit Organizationally
Unique Identifier
24-bit Extension
Identifier
00h
04h
A3h
12h
34h
56h
Corresponding EUI-48™ Node Address: 00-04-A3-12-34-56
Description
Data
Array
Address
Corresponding EUI-64™ Node Address: 00-04-A3-12-34-56-78-9A
FFh
FFh
Unused
F1h
F0h
F7h
24-bit Organizationally
Unique Identifier
40-bit Extension
Identifier
A3h
12h
34h
56h
78h
9Ah
Description
Data
Array
Address
04h
00h
F0h
F3h
F4h
F5h
F6h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com