Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 34Page - Microchip Technology MCP79412 Datasheet HTML 35Page - Microchip Technology MCP79412 Datasheet HTML 36Page - Microchip Technology MCP79412 Datasheet HTML 37Page - Microchip Technology MCP79412 Datasheet HTML 38Page - Microchip Technology MCP79412 Datasheet HTML 39Page - Microchip Technology MCP79412 Datasheet HTML 40Page - Microchip Technology MCP79412 Datasheet HTML 41Page - Microchip Technology MCP79412 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
MCP79410/MCP79411/MCP79412
DS20002266E-page 38
 2010-2013 Microchip Technology Inc.
10.2
EEPROM
The MCP794XX features 1Kbits of internal high
endurance EEPROM. This EEPROM block features an
8-byte page.
10.2.1
BLOCK PROTECTION
The EEPROM does not support a hardware write
protection pin, however, software block protection is
available to the user and is configured using the
STATUS register.
10.2.2
STATUS REGISTER
The STATUS register is in the nonvolatile EEPROM
array. To access the STATUS register, the address of
0xFFh is written to and read from. ACK polling may be
used to determine if the write is complete. The bits in
this register are defined as:
• Bit 3:2 (BP<1:0>) are the EEPROM array block
protection bits. If an attempt is made to perform a
write to an area of EEPROM that is protected, the
MCP794XX will acknowledge but the write will not
take place. These bits are in the nonvolatile
EEPROM array. This allows protection of the
following areas:
• The unused bits are reserved at this time and
read as ‘0’.
• With the current address read operation, the
address is not incremented. Consequently, the
subsequent reads are done from the same
location.
If multiple bytes are loaded to the STATUS register,
only the last byte is written. The write to the STATUS
register is initiated by the I2C Stop condition.
TABLE 10-1:
BLOCK PROTECTION
BP1
BP0
Array Addresses
Write-Protected
00
None
01
Upper 1/4
(60h-7Fh)
10
Upper 1/2
(40h-7Fh)
11
All
(00h-7Fh)
REGISTER 10-1:
STATUS REGISTER 0XFF
UU
U
U
R/W-0
R/W-0
U
U
—
—
—
—
BP1
BP0
—
—
bit 7
bit 3 bit 2
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
“0” = Bit is clear
“X” = Bit is unknown
bit 7-4
Unimplemented: Read as ‘0’
bit 3-2
BP<1:0>: EEPROM Array Block Protection bits
bit 1-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com