Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 31Page - Microchip Technology MCP79412 Datasheet HTML 32Page - Microchip Technology MCP79412 Datasheet HTML 33Page - Microchip Technology MCP79412 Datasheet HTML 34Page - Microchip Technology MCP79412 Datasheet HTML 35Page - Microchip Technology MCP79412 Datasheet HTML 36Page - Microchip Technology MCP79412 Datasheet HTML 37Page - Microchip Technology MCP79412 Datasheet HTML 38Page - Microchip Technology MCP79412 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 35
MCP79410/MCP79411/MCP79412
FIGURE 9-2:
ACKNOWLEDGE TIMING
9.1.2
DEVICE ADDRESSING AND OPERATION
A control byte is the first byte received following the
Start condition from the master device (Figure 9-2).
The control byte consists of a control code; for the
MCP7941X this is set as ‘1010111X’ for read (0xAF)
and write (0xAE) operations for the EEPROM.
The control byte for accessing the SRAM and RTCC
registers are set to ‘1101111X’ (0xDF for a read, 0xDE
for a write). The RTCC registers and the SRAM share
the same address space.
The last bit of the control byte defines the operation to
be performed. When set to a ‘1’ a read operation is
selected, and when set to a ‘0’ a write operation is
selected. The next byte received defines the address of
the data byte (Figure 9-3). The upper address bits are
transferred first, followed by the Least Significant bits
(LSb).
Following the Start condition, the MCP7941X monitors
the SDA bus, checking the device type identifier being
transmitted. Upon receiving an ‘1010111X’ or
‘1101111X’ code, the slave device outputs an
Acknowledge signal on the SDA line. Depending on the
state of the R/W bit, the MCP7941X will select a read
or write operation.
FIGURE 9-3:
CONTROL BYTE AND ADDRESS SEQUENCE BIT ASSIGNMENTS
SCL
9
8
7
6
5
4
3
2
11
2
3
Transmitter must release the SDA line at this point
allowing the Receiver to pull the SDA line low to
acknowledge the previous eight bits of data.
Receiver must release the SDA line at this point
so the Transmitter can continue sending data.
Data from transmitter
Data from transmitter
SDA
Acknowledge
Bit
1
010
R/W
A7
A
0
••
•
•
••
EEPROM CONTROL BYTE
ADDRESS BYTE
CONTROL
CODE
111
1
101
R/W
A7
A
0
••
•
•
••
SRAM/RTCC CONTROL BYTE
ADDRESS BYTE
CONTROL
CODE
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com