Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP79412 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP79412
Description  Battery-Backed I2C??Real-Time Clock/Calendar with EEPROM and Unique ID
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP79412 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP79412 Datasheet HTML 25Page - Microchip Technology MCP79412 Datasheet HTML 26Page - Microchip Technology MCP79412 Datasheet HTML 27Page - Microchip Technology MCP79412 Datasheet HTML 28Page - Microchip Technology MCP79412 Datasheet HTML 29Page - Microchip Technology MCP79412 Datasheet HTML 30Page - Microchip Technology MCP79412 Datasheet HTML 31Page - Microchip Technology MCP79412 Datasheet HTML 32Page - Microchip Technology MCP79412 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
 2010-2013 Microchip Technology Inc.
DS20002266E-page 29
MCP79410/MCP79411/MCP79412
8.6.1
POWER-DOWN TIME-STAMP
REGISTERS
The MCP7941X family of RTCC devices feature a
power-fail time-stamp feature. This feature will store
the time at which VCC crosses the VTRIP voltage and is
shown in Figure 8-6. To use this feature, a VBAT
supply must be present and the oscillator must also be
running. The month through minutes are saved.
There are two separate sets of registers that are used
to record this information:
• The first set, located at 0x18 through 0x1B, is
loaded at the time when VCC falls below VTRIP
and the RTCC operates on the VBAT. The VBAT
(Day register bit 4) bit is also set at this time.
• The second set of registers, located at 0x1C
through 0x1F, is loaded at the time when VCC is
restored and the RTCC switches to VCC.
The power-fail time-stamp registers are cleared when
the VBAT (Day register bit 4) bit is cleared in software.
Only the first power-down and power-up time-stamps
are saved by the RTCC.
FIGURE 8-6:
POWER-FAIL GRAPH
VCC
VTRIP(max)
VTRIP(min)
Power-Down
Power-Up
Time Stamp
Time Stamp
Note:
It is strongly recommended that the time saver function only be used when the oscillator is running. This
will ensure accurate functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com