Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 14 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 14 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 10Page - Intel Corporation QG80331M500 Datasheet HTML 11Page - Intel Corporation QG80331M500 Datasheet HTML 12Page - Intel Corporation QG80331M500 Datasheet HTML 13Page - Intel Corporation QG80331M500 Datasheet HTML 14Page - Intel Corporation QG80331M500 Datasheet HTML 15Page - Intel Corporation QG80331M500 Datasheet HTML 16Page - Intel Corporation QG80331M500 Datasheet HTML 17Page - Intel Corporation QG80331M500 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
14
Specification Update
Intel® 80331 I/O Processor
Summary Table of Changes
Specification Changes
No.
Steppings
Page
Status
Specification Changes
A-1
B-0
C-x
D-0
D-1
1
XX
XX
X
47
Doc
HPI# (High Priority Interrupt) is a maskable interrupt
2
XX
XX
X
47
Doc
PCIODT_EN Reset Strap Signal
3
XX
XX
X
47
Doc
LOCK# functionality has been de-featured
4
XX
XX
X
47
Doc
Watchdog Timer and Retry Timer has been de-featured
5
XX
X
X
47
Doc
P_GNT# and P_REQ# signals have new ball locations on
B-0
6
XX
XX
X
47
Doc
Peripheral Performance Monitor Unit has been de-featured
7
XX
XX
X
48
Doc
Processor Device ID has been removed
8
XX
XX
X
48
Doc
1.5K pull-down required on AD[15] of the PBI bus
9
XX
XX
X
48
Doc
OCD and Receive Enable calibration de-featured
10
XX
X
X
48
Doc
New Watchdog Timer (WDT) functionality in B-0 stepping
11
XX
XX
X
48
Doc
PWRDELAY needs only a pull-up for battery back-up mode
12
XX
XX
X
48
Doc
ARB_EN signal has been de-featured
13
XX
XX
X
48
Doc
Intel® 80331 I/O Processor Design Guide change for
Unbuffered DDR-I dual-banked DIMMs
14
XX
XX
X
48
Doc
DDRRES2 can be pulled down to reduce current during
self-refresh
15
XX
XX
X
48
Doc
Intel® 80331 I/O Processor Design Guide change for
Peripheral Bus Interface (PBI)
16
XX
XX
X
49
Doc
Intel® 80331 I/O Processor Design Guide change for
PCI/-X busses
17
XX
49
Doc
Internal bus operates at 333 MHz for D-0 stepping
18
XX
49
Doc
Application Accelerator Unit enhanced for D-0 stepping
19
XX
XX
X
49
Doc
Recommended DLL register values
20
XX
XX
X
49
Doc
DDR-II JEDEC initialization sequence includes writes to
EMRS2 and EMRS3
21
XX
XX
X
50
Doc
Case temperature (Tcase) change
22
X
50
Fixed
Internal Clock Misalignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com