Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 48 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 48 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 44Page - Intel Corporation QG80331M500 Datasheet HTML 45Page - Intel Corporation QG80331M500 Datasheet HTML 46Page - Intel Corporation QG80331M500 Datasheet HTML 47Page - Intel Corporation QG80331M500 Datasheet HTML 48Page - Intel Corporation QG80331M500 Datasheet HTML 49Page - Intel Corporation QG80331M500 Datasheet HTML 50Page - Intel Corporation QG80331M500 Datasheet HTML 51Page - Intel Corporation QG80331M500 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48
Specification Update
Intel® 80331 I/O Processor
Specification Changes
7.
Processor Device ID has been removed
Issue:
The Processor Device ID (PDIR) at FFFF E780h is suppose to mirror the JTAG ID, but instead has
a value of 0x0. This register is not to be fixed in future steppings, since there are other registers that
can be read to determine processor type and revision information.
8.
1.5K pull-down required on AD[15] of the PBI bus
Issue:
In order to prevent secondary PCI clock instabilities, make sure AD[15] of the PBI bus has a 1.5 K
pull-down.
9.
OCD and Receive Enable calibration de-featured
Issue:
The ability to adjust the electrical interface to account for out of specification DDR-II DIMMs
using OCD (off-chip driver) and receive enable calibration, is no longer a supported feature.
10.
New Watchdog Timer (WDT) functionality in B-0 stepping
Issue:
Watchdog timer (WDT) expiration can either generate a chip reset or a core interrupt. Added
Watchdog timer interrupt control to the following register bits: INTCTL0.17, INTSTR0.17,
IINTSRC0.17, FINTSRC0.17, IPR1.3:2
Control for WDT reset or interrupt generation is done by the interrupt mask bit, INTCTL0.17.
When clear (default), the WDT generates a reset. When set, the WDT generates an interrupt to the
core. These functions are mutually exclusive. The WDT is disabled by default see the developers
manual for the enabling sequence.
11.
PWRDELAY needs only a pull-up for battery back-up mode
Issue:
The I2C bus has been removed from the processor reset equation (see erratum #35). This allows the
PWRDELAY circuit to be simplified to a single pull-up resistor, to enable battery back-up mode.
PWRDELAY must be isolated from all other circuitry, and only a 1.5K pull-up to 3.3 V is required.
When battery back-up is not required, PWRDELAY should have a 1.5 K pull-down resistor.
Note:
In some applications PWRDELAY may control other board logic. Before making this change,
make sure the other logic is not adversely impacted.
12.
ARB_EN signal has been de-featured
Issue:
The ARB_EN reset strap, muxed on AD[1], has been de-featured from the 80331. When using ‘no
bridge’ mode (BRG_EN=0), ARB_EN needs to be pulled low.
13.
Intel® 80331 I/O Processor Design Guide change for Unbuffered DDR-I
dual-banked DIMMs
Issue:
The latest routing guidelines for unbuffered DDR-I dual-banked DIMMs are available upon
request and is included in the next revision of the design guide.
Update - These routing guidelines were added to the October 2004 release of the 80331 design
guide (273823-002)
14.
DDRRES2 can be pulled down to reduce current during self-refresh
Issue:
DDRRES2 is used as compensation for DDR-II OCD. Since OCD is not supported in the 80331
(see Specification Change #9), then DDRRES2 can be pulled down to reduce current draw during
self-refresh mode.
15.
Intel® 80331 I/O Processor Design Guide change for Peripheral Bus
Interface (PBI)
Issue:
The latest routing guidelines for the Peripheral Bus Interface (PBI) are available upon request and
included in the next revision of the Intel® 80331 I/O Processor Design Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com