Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 16 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 16 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 12Page - Intel Corporation QG80331M500 Datasheet HTML 13Page - Intel Corporation QG80331M500 Datasheet HTML 14Page - Intel Corporation QG80331M500 Datasheet HTML 15Page - Intel Corporation QG80331M500 Datasheet HTML 16Page - Intel Corporation QG80331M500 Datasheet HTML 17Page - Intel Corporation QG80331M500 Datasheet HTML 18Page - Intel Corporation QG80331M500 Datasheet HTML 19Page - Intel Corporation QG80331M500 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
16
Specification Update
Intel® 80331 I/O Processor
Summary Table of Changes
Documentation Changes
No.
Document Revision
Page
Status
Documentation Changes
1
273942-002
61
Doc
Table 236 shows incorrect description for tWDL field
2
273942-002
61
Doc
Processor Device ID should be removed
3
273942-002
61
Doc
Core Performance Monitoring Unit (CPMON) section is incorrect
4
273942-002
61
Doc
UART FIFO Occupancy Register is read only
5
273942-002
61
Doc
Refresh Frequency Register table is incorrect
6
273942-002
61
Doc
PBI interrupt should be removed
7
273942-002
62
Doc
ARB_EN has been de-featured
8
273942-002
62
Doc
Flash wait state information is incorrect
9
273942-002
63
Doc
SDCR0 and SDCR1 register updates
10
273823-001
66
Doc
Power sequence timing
11
273943-001
66
Doc
Updated Peripheral Bus Interface (PBI) timings
12
273942-002
66
Doc
ATU PM_CAP[5] text must be updated
13
273942-002
67
Doc
WDTCR also affected by TMR1[3]
14
273942-002
67
Doc
Split Completion Message clarification
15
273823-002
67
Doc
Figure 49 in Design Guide shows incorrect trace length
16
273943-001
67
Doc
Wrong Voltage Values in Table 21
17
273942-002
67
Doc
SBR1 Programming When Bank 1 is Unpopulated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com