Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 50 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 50 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 46Page - Intel Corporation QG80331M500 Datasheet HTML 47Page - Intel Corporation QG80331M500 Datasheet HTML 48Page - Intel Corporation QG80331M500 Datasheet HTML 49Page - Intel Corporation QG80331M500 Datasheet HTML 50Page - Intel Corporation QG80331M500 Datasheet HTML 51Page - Intel Corporation QG80331M500 Datasheet HTML 52Page - Intel Corporation QG80331M500 Datasheet HTML 53Page - Intel Corporation QG80331M500 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
50
Specification Update
Intel® 80331 I/O Processor
Specification Changes
‘Issue EMRS3 command’. In order to be JEDEC compliant, these steps should be added to the
memory controller initialization sequence.
Note: Before implementing, check with your DIMM/memory manufacturer to determine if these
steps are necessary. Software should always follow the initialization sequence provided by the
DIMM/memory manufacturer guidelines.
The following pseudo code shows the EMRS initialization steps that are required to be compliant
with the JEDEC DDR-II initialization sequence.
// Step 5 and 6 - EMRS(2) and EMRS(3) programming
if MemoryType is DDR-II
Write 0x2 to DCALADDR (Setting BA[1:0] for EMRS(2))
Write 0x81000003 to DCALCSR (issue EMRS command to CS0)
Wait for DCALCSR[31] to report ‘Operation Completed’
Write 0x81100003 to DCALCSR (issue EMRS command to CS1)
Wait for DCALCSR[31] to report ‘Operation Completed’
Write 0x3 to DCALADDR (Setting BA[1:0] for EMRS(3))
Write 0x81000003 to DCALCSR (issue EMRS command to CS0)
Wait for DCALCSR[31] to report ‘Operation Completed’
Write 0x81100003 to DCALCSR (issue EMRS command to CS1)
Wait for DCALCSR[31] to report ‘Operation Completed’
endif
21.
Case temperature (Tcase) change
Issue:
To be consistent with the production test environment, the case temperature (Tcase) for the 80331
I/O processor has been changed from 105ο c to 95ο c.
22.
Internal Clock Misalignment
Issue:
Due to non-core Erratum 62, Internal Clock Misalignment Can Cause Processor Hang, on page 41,
Intel is screening parts to eliminate the probability of occurrence. Until this is fixed in a future
stepping, a screen has been implemented which will screen out parts exhibiting this issue with a
VCC15 greater than 1.46v.
With the screen at 1.46v, the on-board 1.5v power rail should not be allowed to go below 1.46v, as
this would increase the risk of failure. The 1.5v rail minimum is currently specified in the datasheet
as 1.425v, therefore for screened parts, the minimum is changed to 1.46v.
Status:
Fixed. This issue was fixed in the D-1 stepping of the product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com