Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 27 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 27 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 23Page - Intel Corporation QG80331M500 Datasheet HTML 24Page - Intel Corporation QG80331M500 Datasheet HTML 25Page - Intel Corporation QG80331M500 Datasheet HTML 26Page - Intel Corporation QG80331M500 Datasheet HTML 27Page - Intel Corporation QG80331M500 Datasheet HTML 28Page - Intel Corporation QG80331M500 Datasheet HTML 29Page - Intel Corporation QG80331M500 Datasheet HTML 30Page - Intel Corporation QG80331M500 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
Specification Update
27
Intel® 80331 I/O Processor
Non-Core Errata
32.
ATU passing rules operation in PCI mode
Problem:
When the secondary PCI bus is in PCI bus mode, the PCI passing rule enforcement logic within the
ATU, allows a read completion to pass write data; until at least four inbound delayed reads,
inbound configuration writes, inbound configuration reads, or any combination of these have
occurred from the PCI bus.
Implication:
This issue causes a deadlock condition in legacy devices, which contain shared read and write data
queues, where the device allocates the data buffer for the requested delayed read data and is also
being addressed by the outbound ATU write data. This ATU functionality does not exist in PCI-X
mode.
Workaround:
Use the secondary PCI bus in PCI-X mode.
When the secondary PCI bus is in PCI mode, configuration retry is enabled, and the legacy buffer
allocating device is present in the system, the ATU must not issue writes to that device until the
configuration cycles or reads have completed. When this situation cannot be achieved by the host,
the ATU can be momentarily programmed in loopback mode and issue delayed reads to itself. This
workaround is only required when the ATU is sending upstream traffic at the same time as the host
is configuring it. This should not happen since the ATU needs to wait for the driver to be enabled
after enumeration completes.
This erratum does not occur when configuration retry is deasserted at power on and the host meets
the above configuration cycles.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.
33.
S_INT[D:A]# pull-ups disabled by Internal Bus Reset
Problem:
During power-on or anytime the internal bus is reset, the S_INT[D:A]# interrupt inputs are asserted
as the on-die termination (ODT) gets disabled.
Implication:
This situation causes floating/asserted interrupts to the 80331, during power-on or anytime the
internal bus is reset.
Workaround:
Need external pull-ups on the S_INT[D:A]# pins.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.
34.
MCU Preemption Control does not properly manage the byte count
Problem:
During a transfer, the MCU tracks the byte count to determine when a transfer can be preempted.
When preemption is enabled, a preempted transfer that is resumed does not transfer the full
remaining byte count of data.
Implication:
Can cause data corruption when preemption control is enabled.
Workaround:
Do not enable preemption control. Keep the default setting of the MCU Preemption Control
Register (MPCR, FFFF E540h) bits 3-0 as 0h.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com