Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 32 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 32 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 28Page - Intel Corporation QG80331M500 Datasheet HTML 29Page - Intel Corporation QG80331M500 Datasheet HTML 30Page - Intel Corporation QG80331M500 Datasheet HTML 31Page - Intel Corporation QG80331M500 Datasheet HTML 32Page - Intel Corporation QG80331M500 Datasheet HTML 33Page - Intel Corporation QG80331M500 Datasheet HTML 34Page - Intel Corporation QG80331M500 Datasheet HTML 35Page - Intel Corporation QG80331M500 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
32
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
42.
DMA CRC result is byte reversed
Problem:
The DMA CRC result value is byte reversed.
Example CRC operation with the DMA:
CRC Seed: 0x0000 0000
Data Pattern (16 bytes): 0x1234 5678, 0x1457 9098, 0x1234 5678 0x1457 9098
Expected CRC Value: 0x6791 25DA
Actual CRC Value: 0xDA25 9167
CRC Seed: 0x1122 3344
Data Pattern(16 bytes): 0x1234 5678 0x1457 9098, 0x1234 5678 0x1457 9098
Expected CRC Value: 0x1D2C B941
Actual CRC Value:
0x41B9 2C1D
Implication:
Data corruption occurs when software does not take care of the byte reversal.
Workaround:
Software must byte reverse the CRC result after the DMA completes.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.
43.
CRC corruption on PCI-to-local DMA transfers
Problem:
CRC corruption can occur when polling DMA registers during PCI-to-local transfers. CRC
corruption happens regardless of whether the transfer data is written to memory (DMA Transfer
disable bit DCR.7, is set). Both DMA channels are affected.
Implication:
CRC data corruption occurs. The DMA transfer itself is not affected by this erratum.
Workaround:
Use local address sources only when calculating CRC.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.
44.
Byte Count Modified bit set to 1
Problem:
During a memory read DWORD which crosses the 1 MB boundary in PCI-X to PCI mode, the split
completion has the correct data and byte count but the BCM (Byte Count Modified) bit in the
attribute field is set to 1. In the PCI-X Addendum to the PCI Local Bus Specification, Revision 1.0a
description of the BCM bit it states, “BCM is used only for split completions resulting from burst
transaction and is set to 0 for split completions resulting from all other commands.”
Implication:
The PCI-X Addendum to the PCI Local Bus Specification, Revision 1.0a states that for non-burst
transactions that the BCM bit is not to be used and should read 0, this bit is used for diagnostic
purposes, and targets (bridges and requesters) are permitted to ignore this bit.
Workaround:
BCM is a non-error status bit, only used for “flow control” in split completions and should be
ignored.
Status:
Fixed. Fixed in D-0 stepping. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com