Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 44 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 44 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 40Page - Intel Corporation QG80331M500 Datasheet HTML 41Page - Intel Corporation QG80331M500 Datasheet HTML 42Page - Intel Corporation QG80331M500 Datasheet HTML 43Page - Intel Corporation QG80331M500 Datasheet HTML 44Page - Intel Corporation QG80331M500 Datasheet HTML 45Page - Intel Corporation QG80331M500 Datasheet HTML 46Page - Intel Corporation QG80331M500 Datasheet HTML 47Page - Intel Corporation QG80331M500 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
44
Specification Update
Intel® 80331 I/O Processor
Core Errata
3.
Performance Monitor Unit event 0x1 can be incremented erroneously by
unrelated events
Event 0x1 in the performance monitor unit (PMU) can be used to count cycles in which the
instruction cache cannot deliver an instruction. The only cycles counted should be those due to an
instruction cache miss or an instruction TLB miss. The following unrelated events in the core, also
causes the corresponding count to increment when event number 0x1 is being monitored:
• Any architectural event (e.g., IRQ, data abort)
• MSR instructions which alter the CPSR control bits.
• Some branch instructions, including indirect branches and those mispredicted by the BTB.
• CP15 MCR instructions to registers 7, 8, 9, or 10 which involve the instruction cache or the
instruction TLB.
Each of the preceding items may cause the performance monitoring count to increment several
times. The resulting performance monitoring count may be higher than expected, when the
preceding items occur, but should never be lower than expected.
Workaround:
There is no way to obtain the correct number of cycles stalled due to instruction cache misses and
instruction TLB misses. Extra counts, due to branch instructions mispredicted by the BTB, may be
one component of the unwanted count that can be filtered out.
The number of mispredicted branches also can be monitored using performance monitoring event
0x6 during the same time period as event 0x1. The mispredicted branch number then can be
subtracted from the instruction cache stall number generated by the performance monitor to get a
value closer to the correct one. This workaround only addresses counts contributed by branches
that the BTB is able to predict.
All the items in the preceding bulleted list still affect the count. Depending on the nature of the
code being monitored, this workaround may have limited value.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.
4.
In Special Debug State, back-to-back memory operations — where the first
instruction aborts — may cause a hang
Problem:
When back-to-back memory operations occur in the Special Debug State (SDS, used by ICE and
Debug vendors) and the first memory operation gets a precise data abort, the first memory
operation is correctly cancelled and no abort occurs. Depending on the timing, however, the second
memory operation may not work correctly. The data cache may internally cancel the second
operation, but the register file may have scoreboarded registers for that second memory operation.
The effect is that the core may hang (due to a permanently scoreboarded register) or that a store
operation may be incorrectly cancelled.
Workaround:
In Special Debug State, any memory operation that may cause a precise data abort should be
followed by a write-buffer drain operation. This precludes further memory operations from being
in the pipe when the abort occurs. Load Multiple/Store Multiple that may cause precise data aborts
should not be used.
Status:
No Fix. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com