Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QG80331M500 Datasheet(PDF) 28 Page - Intel Corporation

Part # QG80331M500
Description  Intel 80331 I/O Processor Specification Update
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

QG80331M500 Datasheet(HTML) 28 Page - Intel Corporation

Back Button QG80331M500 Datasheet HTML 24Page - Intel Corporation QG80331M500 Datasheet HTML 25Page - Intel Corporation QG80331M500 Datasheet HTML 26Page - Intel Corporation QG80331M500 Datasheet HTML 27Page - Intel Corporation QG80331M500 Datasheet HTML 28Page - Intel Corporation QG80331M500 Datasheet HTML 29Page - Intel Corporation QG80331M500 Datasheet HTML 30Page - Intel Corporation QG80331M500 Datasheet HTML 31Page - Intel Corporation QG80331M500 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
28
Specification Update
Intel® 80331 I/O Processor
Non-Core Errata
35.
I2C unit hang condition
Problem:
When a processor reset occurs, the 80331 does not properly detect an idle condition on the I2C bus,
potentially causing the I2C unit to hang indefinitely. This occurs only when an I2C slave device is
writing a 0 on the SDA signal when reset is asserted. The SCL signal goes high, but SDA remains
low, signaling that the bus is still busy. Warm reset does not clear up this condition; only a cold
reset (power-on) resolves the I2C bus hang.
Implication:
The I
2C bus stays in a hang condition indefinitely
Workaround:
Since this is fixed in the C-0 stepping, this workaround must be implemented only when I2C hang
issues are preventing proper usage of A-2 and B-0 parts. The recommended workaround for A-1
and B-0 parts involves both a hardware and software change. In hardware, tie GPIO pins to the
SCL signals; then in the initialization software, the GPIO pins must toggle the SCL signals to bring
the slave I2C devices out of the locked condition. This can be done by using one GPIO signal and
an external tristate buffer on SCL lines, or by using two GPIO signals and no external logic to
allow unlocking the I
2C bus. Also, the external PWRDELAY circuit must use S_RST#, instead of
PWRGD.
Status:
Fixed. Fixed in C-0 stepping. See the Table , “Summary Table of Changes” on page 9.
In the C-0 stepping, the I2C bus lock condition can be cleared by software doing a toggle of the
GPOD[11:10] to toggle SCL[1:0]. Bit[11] and bit[10] of the GPOD register are writable. When
GPOD[11] is high, SCL[1] is driven low. When GPOD[10] is driven high, SCL[0] is driven low.
I2C is no longer in the processor reset equation for the internal bus (that it, MRST), so the I2C bus
can hang when a reset happens during the reading of a 0 from an external I
2C slave. Therefore, the
software is required to toggle the I2C clock signals (at least eight times) before I2C is enabled.
GPOD bit[11] and bit[10] can be used to unhang the bus by creating a 100 K (5 ms high and low
time) or 400 K (1.25 ms high and low time) clock pulse.
Also, since the I
2C bus has been removed from the processor reset equation, the PWRDELAY
circuit is no longer needed. Only a 1.5 K
Ω pull-up to 3.3 V is required on PWRDELAY. See
Specification Change 11, “PWRDELAY needs only a pull-up for battery back-up mode” on
page 48.
36.
VPD Data Register bit 19 is not read/write
Problem:
VPD (Vital Product Data) is an extended capability of the ATU. Bit 19 of the VPD Data Register
(FFFF_E1BCh) was implemented as RC (read clear) instead of RW (read/write).
Implication:
This is application dependant as VPD provides the system with information that uniquely identifies
hardware and, potentially, software elements of a system.
Workaround:
When the VPD feature is needed, care must be taken to mask bit 19.
Status:
No Fix. Not to be fixed. See the Table , “Summary Table of Changes” on page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com