Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12CE673 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC12CE673
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12CE673 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC12CE673 Datasheet HTML 19Page - Microchip Technology PIC12CE673 Datasheet HTML 20Page - Microchip Technology PIC12CE673 Datasheet HTML 21Page - Microchip Technology PIC12CE673 Datasheet HTML 22Page - Microchip Technology PIC12CE673 Datasheet HTML 23Page - Microchip Technology PIC12CE673 Datasheet HTML 24Page - Microchip Technology PIC12CE673 Datasheet HTML 25Page - Microchip Technology PIC12CE673 Datasheet HTML 26Page - Microchip Technology PIC12CE673 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 23
PIC12C67X
4.5
Indirect Addressing, INDF and FSR
Registers
The INDF Register is not a physical register. Address-
ing the INDF Register will cause indirect addressing.
Any instruction using the INDF register actually
accesses the register pointed to by the File Select Reg-
ister, FSR. Reading the INDF Register itself indirectly
(FSR = '0') will read 00h. Writing to the INDF Register
indirectly results in a no-operation (although status bits
may be affected). An effective 9-bit address is obtained
by concatenating the 8-bit FSR Register and the IRP bit
(STATUS<7>), as shown in Figure 4-4. However, IRP is
not used in the PIC12C67X.
A simple program to clear RAM locations 20h-2Fh
using indirect addressing is shown in Example 4-1.
EXAMPLE 4-1:
INDIRECT ADDRESSING
movlw
0x20
;initialize pointer
movwf
FSR
;to RAM
NEXT
clrf
INDF
;clear INDF register
incf
FSR,F
;inc pointer
btfss
FSR,4
;all done?
goto
NEXT
;no clear next
CONTINUE
:
;yes continue
FIGURE 4-4:
DIRECT/INDIRECT ADDRESSING
For register file map detail see Figure 4-2.
Note 1:
The RP1 and IRP bits are reserved; always maintain these bits clear.
Data
Memory
Indirect Addressing
Direct Addressing
bank select
location select
RP1 RP0(1)
6
0
from opcode
IRP(1)
FSR register
7
0
bank select
location select
00
01
10
11
180h
1FFh
00h
7Fh
Bank 0
Bank 1
Bank 2
Bank 3
not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com